Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF-1708 Datasheet (PDF) - Infinite Electronics International, Inc.

ASF-1708 Datasheet PDF - Infinite Electronics International, Inc.
Part # ASF-1708
Download  ASF-1708 Download
File Size   50.61 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON, SMA FEMALE CRIMP LMR195

ASF-1708 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASF-1708 Datasheet PDF - Infinite Electronics International, Inc.

Part # ASF-1708
Download  ASF-1708 Click to download

File Size   50.61 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON, SMA FEMALE CRIMP LMR195

ASF-1708 Datasheet (HTML) - Infinite Electronics International, Inc.


ASF-1708 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
DIELECTRIC WITHSTANDING VOLTAGE: 1000 Vrms
FREQUENCY RANGE: DC~6 GHz
VOLTAGE RATING: 500V PEAK
DURABILITY: ≥ 500 CYCLES
CABLE RETENTION: 30 POUNDS PULL

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.

REGULATORY COMPLIANCE:
RoHS, CE




Similar Part No. - ASF-1708

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
logo
Infinite Electronics In...
ASF-3700 L-COM-ASF-3700 Datasheet
51Kb / 1P
CONN SMA F BHD RG58, 195 CRIMP NK
03/29/05
ASF-CAP01 L-COM-ASF-CAP01 Datasheet
120Kb / 1P
CON, SMA FEMALE CAP W/CHAIN
5/4/10
More results


Similar Description - ASF-1708

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4413 PASTERNACK-PE4413 Datasheet
107Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
logo
Adam Technologies, Inc.
RF2-56-T-02-50-G ADAM-TECH-RF2-56-T-02-50-G Datasheet
72Kb / 1P
SMA FEMALE BULKHEAD CRIMP
RF2-56-T-02-75-G ADAM-TECH-RF2-56-T-02-75-G Datasheet
73Kb / 1P
SMA FEMALE BULKHEAD CRIMP
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325_16 Datasheet
390Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4412 PASTERNACK-PE4412_16 Datasheet
315Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4413 PASTERNACK-PE4413_13 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4414 PASTERNACK-PE4414_16 Datasheet
352Kb / 3P
SMA Female Connector Crimp/Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com