Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF-1708 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASF-1708
Description  CON, SMA FEMALE CRIMP LMR195
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASF-1708 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASF-1708 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.311
7.9
.079
2.0
.098
2.5
.039
1.0
.213
5.4
RoHS, CE
REGULATORY COMPLIANCE:
STRIPPING
RECOMMENDED CABLE
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
DIELECTRIC WITHSTANDING VOLTAGE: 1000 Vrms
FREQUENCY RANGE: DC~6 GHz
VOLTAGE RATING: 500V PEAK
DURABILITY:
≥ 500 CYCLES
CABLE RETENTION: 30 POUNDS PULL
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACT
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
MAIN BODY
BRASS
NICKEL
FERRULE
BRASS
NICKEL
INSULATOR
TEFLON
------
07/02/13
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
03/23/2010
8
ASF-1708
C
ASF-1708.SLDDRW
11
03/23/2010
REVISIONS
DESCRIPTION
APPROVED
REV
C. BRAN
DATE
K. BURGNER
03/24/2010
4/16/10
A
B
UNLESS OTHERWISE SPECIFIED,
ECN 4752: REVISED FREQUENCY RANGE TO 6 GHz
5/19/10
D.GRIFFIN
D.FRISIELLO
C
ECN 6904 CHANGE CENTER CONTACT CRIMP DIM. .068[1.7] TO .039[1.0]
B.PUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
MAY OCCUR
CON, SMA FEMALE CRIMP LMR195
COAXIAL
PROJECTION
43321
D. PARHAM
UNDIMENSIONED FEATURES
INITIAL RELEASE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
CENTER CONTACT
FERRULE
MAIN BODY
.71
18.0
.315
8.0
CRIMP
CENTER CONTACT
C
FERRULE CRIMP


Similar Part No. - ASF-1708

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
logo
Infinite Electronics In...
ASF-3700 L-COM-ASF-3700 Datasheet
51Kb / 1P
CONN SMA F BHD RG58, 195 CRIMP NK
03/29/05
ASF-CAP01 L-COM-ASF-CAP01 Datasheet
120Kb / 1P
CON, SMA FEMALE CAP W/CHAIN
5/4/10
More results

Similar Description - ASF-1708

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4413 PASTERNACK-PE4413 Datasheet
107Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
logo
Adam Technologies, Inc.
RF2-56-T-02-50-G ADAM-TECH-RF2-56-T-02-50-G Datasheet
72Kb / 1P
SMA FEMALE BULKHEAD CRIMP
RF2-56-T-02-75-G ADAM-TECH-RF2-56-T-02-75-G Datasheet
73Kb / 1P
SMA FEMALE BULKHEAD CRIMP
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325_16 Datasheet
390Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4412 PASTERNACK-PE4412_16 Datasheet
315Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4413 PASTERNACK-PE4413_13 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4414 PASTERNACK-PE4414_16 Datasheet
352Kb / 3P
SMA Female Connector Crimp/Solder Attachment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com