Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM-1710 Datasheet (PDF) - Infinite Electronics International, Inc.

ASM-1710 Datasheet PDF - Infinite Electronics International, Inc.
Part # ASM-1710
Download  ASM-1710 Download
File Size   46.19 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,SMA PLUG R/A LMR195, RG58

ASM-1710 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM-1710 Datasheet PDF - Infinite Electronics International, Inc.

Part # ASM-1710
Download  ASM-1710 Click to download

File Size   46.19 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,SMA PLUG R/A LMR195, RG58

ASM-1710 Datasheet (HTML) - Infinite Electronics International, Inc.


ASM-1710 Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: 1.3 MAX.
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY

REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - ASM-1710

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASM-1714 L-COM-ASM-1714 Datasheet
49Kb / 1P
CON, SHROUDED SMA MALE R/ANGLE
12/4/12
More results


Similar Description - ASM-1710

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
135101-04-06.00 AMPHENOL-135101-04-06.00 Datasheet
41Kb / 1P
SMA PLUG TO SMA PLUG, RG58
135103-02-06.00 AMPHENOL-135103-02-06.00 Datasheet
42Kb / 1P
SMA STRAIGHT PLUG TO SMA R/A PLUG RG174
135103-04-06.00 AMPHENOL-135103-04-06.00 Datasheet
43Kb / 1P
SMA STRAIGHT PLUG TO SMA R/A PLUG RG58
135104-01-06.00 AMPHENOL-135104-01-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG316
135104-02-06.00 AMPHENOL-135104-02-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG174
135104-03-06.00 AMPHENOL-135104-03-06.00 Datasheet
42Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG316 DB
135104-04-06.00 AMPHENOL-135104-04-06.00 Datasheet
42Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG58
135111-04-06.00 AMPHENOL-135111-04-06.00 Datasheet
43Kb / 1P
SMA R/A PLUG TO BULKHEAD JACK RG58
132339 AMPHENOL-132339 Datasheet
53Kb / 1P
SMA R/A PLUG-PLUG ADAPTER
logo
List of Unclassifed Man...
AMPH-S-A0001288908-1 ETC-AMPH-S-A0001288908-1 Datasheet
87Kb / 1P
SMA R/A CRIMP PLUG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com