Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM-1710 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASM-1710
Description  CON,SMA PLUG R/A LMR195, RG58
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASM-1710 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASM-1710 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.67
17.1
5/16" HEX
[2.7]
.10
[7.9]
.31
.11
2.8
.213
5.41
.82
21
10/4/10
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ASM-1710
B
ASM-1710.SLDDRW
11
K.BURGNER
10/4/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
10/4/10
10/4/10
B
ECN 5061: UPDATE DRAWING, NEW FORMAT
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
CON,SMA PLUG R/A LMR195, RG58
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
UNDIMENSIONED FEATURES
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
INSULATOR
TEFLON
-
CENTER PIN
BRASS
GOLD
RETAINING RING
BRASS
NICKEL
GASKET
RUBBER
-
SHELL
BRASS
NICKEL
FERRULE
BRASS
NICKEL
CAP
BRASS
NICKEL
RECOMMENDED
CABLE STRIPPING
RECOMMENDED
FERRULE
CRIMP SIZE
NOTES:
ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: 1.3 MAX.
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)


Similar Part No. - ASM-1710

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASM-1714 L-COM-ASM-1714 Datasheet
49Kb / 1P
CON, SHROUDED SMA MALE R/ANGLE
12/4/12
More results

Similar Description - ASM-1710

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
135101-04-06.00 AMPHENOL-135101-04-06.00 Datasheet
41Kb / 1P
SMA PLUG TO SMA PLUG, RG58
135103-02-06.00 AMPHENOL-135103-02-06.00 Datasheet
42Kb / 1P
SMA STRAIGHT PLUG TO SMA R/A PLUG RG174
135103-04-06.00 AMPHENOL-135103-04-06.00 Datasheet
43Kb / 1P
SMA STRAIGHT PLUG TO SMA R/A PLUG RG58
135104-01-06.00 AMPHENOL-135104-01-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG316
135104-02-06.00 AMPHENOL-135104-02-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG174
135104-03-06.00 AMPHENOL-135104-03-06.00 Datasheet
42Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG316 DB
135104-04-06.00 AMPHENOL-135104-04-06.00 Datasheet
42Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG58
135111-04-06.00 AMPHENOL-135111-04-06.00 Datasheet
43Kb / 1P
SMA R/A PLUG TO BULKHEAD JACK RG58
132339 AMPHENOL-132339 Datasheet
53Kb / 1P
SMA R/A PLUG-PLUG ADAPTER
logo
List of Unclassifed Man...
AMPH-S-A0001288908-1 ETC-AMPH-S-A0001288908-1 Datasheet
87Kb / 1P
SMA R/A CRIMP PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com