Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT652T Datasheet (PDF) - Texas Instruments

CY74FCT652T Datasheet PDF - Texas Instruments
Part # CY74FCT652T
Download  CY74FCT652T Download
File Size   370.01 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS

CY74FCT652T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT652T Datasheet PDF - Texas Instruments

Part # CY74FCT652T
Download  CY74FCT652T Click to download

File Size   370.01 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS

CY74FCT652T Datasheet (HTML) - Texas Instruments


CY74FCT652T Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
64-mA Output Sink Current
32-mA Output Source Current
Independent Register for A and B Buses
Multiplexed Real-Time and Stored Data
Transfer
3-State Outputs

description
The CY74FCT652T consists of bus transceiver circuits, D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the input bus or from the internal storage registers. GAB and GBA
inputs control the transceiver functions. Select-control (SAB and SBA) inputs select either real-time or
stored-data transfer. The circuitry used for select control eliminates the typical decoding glitch that occurs in
a multiplexer during the transition between stored and real-time data. A low input level selects real-time data,
and a high input level selects stored data.
Data on the A or B data bus, or both, can be stored in the internal D-type flip-flops by low-to-high transitions
of the appropriate clock (CPAB or CPBA) inputs, regardless of the select or enable levels of the control pins.
When SAB and SBA are in the real-time transfer mode, it also is possible to store data without using the internal
D-type flip-flops by simultaneously enabling GAB and GBA. In this configuration, each output reinforces its
input. Thus, when all other data sources to the two sets of bus lines are at high impedance, each set of bus
lines remains at its last state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT652T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
8-Bit Registered Transceiver
CY74FCT652T TI1-CY74FCT652T Datasheet
624Kb / 16P
8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT652T TI2-CY74FCT652T Datasheet
370Kb / 16P
8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 2001
CY74FCT652TLCC TI-CY74FCT652TLCC Datasheet
63Kb / 7P
8-Bit Registered Transceiver
CY74FCT652TQCT TI-CY74FCT652TQCT Datasheet
63Kb / 7P
8-Bit Registered Transceiver
More results


Similar Description - CY74FCT652T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
16-Bit Registered Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT652T TI1-CY74FCT652T_14 Datasheet
624Kb / 16P
8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com