Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0808 Datasheet (PDF) - Texas Instruments

DAC0808 Datasheet PDF - Texas Instruments
Part # DAC0808
Download  DAC0808 Download
File Size   350.25 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Bit D/A Converter

DAC0808 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC0808 Datasheet PDF - Texas Instruments

Part # DAC0808
Download  DAC0808 Click to download

File Size   350.25 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Bit D/A Converter

DAC0808 Datasheet (HTML) - Texas Instruments


DAC0808 Product details

General Description
The DAC0808 is an 8-bit monolithic digital-to-analog converter
(DAC) featuring a full scale output current settling time
of 150 ns while dissipating only 33 mW with ±5V supplies.
No reference current (IREF) trimming is required for most
applications since the full scale output current is typically ±1
LSB of 255 IREF/256. Relative accuracies of better than
±0.19% assure 8-bit monotonicity and linearity while zero
level output current of less than 4 μA provides 8-bit zero
accuracy for IREF³2 mA. The power supply currents of the
DAC0808 is independent of bit codes, and exhibits essentially
constant device characteristics over the entire supply
voltage range.
The DAC0808 will interface directly with popular TTL, DTL or
CMOS logic levels, and is a direct replacement for the
MC1508/MC1408. For higher speed applications, see
DAC0800 data sheet.

Features
Relative accuracy: ±0.19% error maximum
Full scale current match: ±1 LSB typ
Fast settling time: 150 ns typ
Noninverting digital inputs are TTL and CMOS
compatible
High speed multiplying input slew rate: 8 mA/μs
Power supply voltage range: ±4.5V to ±18V
Low power consumption: 33 mW @ ±5V




Similar Part No. - DAC0808

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
222Kb / 10P
8-Bit D/A Converters
DAC0808 NSC-DAC0808 Datasheet
309Kb / 12P
8-Bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
8-Bit D/A Converter
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
8-Bit D/A Converters
January 1995
logo
SYC Electronica
DAC0808 SYC-DAC0808 Datasheet
331Kb / 11P
8-Bit D/A Converter
More results


Similar Description - DAC0808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
8-BIT D-A CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
8-bit A/D Converter
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
8-Bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
AD673 AD-AD673_17 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com