Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5652-EP Datasheet (PDF) - Texas Instruments

DAC5652-EP Datasheet PDF - Texas Instruments
Part # DAC5652-EP
Download  DAC5652-EP Download
File Size   512.33 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER

DAC5652-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC5652-EP Datasheet PDF - Texas Instruments

Part # DAC5652-EP
Download  DAC5652-EP Click to download

File Size   512.33 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER

DAC5652-EP Datasheet (HTML) - Texas Instruments


DAC5652-EP Product details

1FEATURES
• 10-Bit Dual Transmit Digital-to-Analog
Converter (DAC)
• 200 MSPS Update Rate
• Single Supply: 3 V to 3.6 V
• High Spurious-Free Dynamic Range (SFDR):
80 dBc at 5 MHz
• High Third-Order Two-Tone Intermodulation
(IMD3): 78 dBc at 15.1 MHz and 16.1 MHz
• Independent or Single Resistor Gain Control
• Dual or Interleaved Data
• On-Chip 1.2 V Reference
• Low Power: 290 mW
• Power-Down Mode: 9 mW
• Package: 48-Pin Thin Quad Flat Pack (TQFP)

APPLICATIONS
• Cellular Base Transceiver Station Transmit
Channel
– CDMA: W-CDMA, CDMA2000, IS-95
– TDMA: GSM, IS-136, EDGE/UWC-136
• Medical/Test Instrumentation
• Arbitrary Waveform Generators (ARB)
• Direct Digital Synthesis (DDS)
• Cable Modem Termination System (CMTS)

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly and Test Site
• One Fabrication Site
• Available in Military (–55°C to 125°C)
Temperature Range
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION/ORDERING INFORMATION
The DAC5652 is a monolithic, dual channel, 10-bit, high speed, digital-to-analog converter (DAC) with on-chip
voltage reference.
Operating with update rates of up to 200 MSPS, the DAC5652 offers exceptional dynamic performance, tight
gain, and offset matching characteristics that make it suitable in either I/Q baseband or direct IF communication
applications.
Each DAC has a high impedance differential current output, suitable for single ended or differential analog-output
configurations. External resistors allow scaling of the full-scale output current for each DAC separately or
together, typically between 2 mA and 20 mA. An accurate on-chip voltage reference is temperature-compensated
and delivers a stable 1.2 V reference voltage. Optionally, an external reference may be used.
The DAC5652 has two 10-bit parallel input ports with separate clocks and data latches. For flexibility, the
DAC5652 also supports multiplexed data for each DAC on one port when operating in the interleaved mode.
The DAC5652 has been specifically designed for a differential transformer coupled output with a 50 Ω doubly
terminated load. For a 20 mA full scale output current, both a 4:1 impedance ratio (resulting in an output power
of 4 dBm) and 1:1 impedance ratio transformer (–2 dBm output power) are supported.




Similar Part No. - DAC5652-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC5652-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com