Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV100PUS Datasheet (PDF) - Infinite Electronics International, Inc.

AV100PUS Datasheet PDF - Infinite Electronics International, Inc.
Part # AV100PUS
Download  AV100PUS Download
File Size   427.07 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink AV100 Series

AV100PUS Datasheet (PDF)

Go To PDF Page Download Datasheet
AV100PUS Datasheet PDF - Infinite Electronics International, Inc.

Part # AV100PUS
Download  AV100PUS Click to download

File Size   427.07 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink AV100 Series

AV100PUS Datasheet (HTML) - Infinite Electronics International, Inc.


AV100PUS Product details

FEATURES
Video performance
Industry leading resolutions of 1600x1200
are achievable at 200m (650ft) and
1280x1024 at 300m (1000ft).
Video compensation
The ADDERLink AV units apply a high
level of signal compensation that allows
for a greatly increased range of very
smooth and fine adjustments.
Brightness control
The ADDERLink AV offers its own
brightness correction to ensure that the
image is crisp, clear and bright, regardless
of the distance.
Audio
Digital audio transmission delivers high
fidelity; click-less audio for speakers and
microphones.
Integrated DeSkew
The ADDERLink AV101R has integrated
skew correction with a 300MHz
bandwidth, meaning that it is more than
powerful enough to counteract the
negative effects of the skew.
Rack options
Both transmitter and receiver units can be
used standalone or up to 16 units can be
mounted into a 3U chassis.
ADDERLink AV 100T transmitter and
ADDERLink AV100R
• Sold individually or as a pair (AV 100P)
• Local port on transmitter to connect
local screen and speakers or for cascading
• ADDERLink AV 100R duplicates input
from transmitter allowing for 2 video and
2 audio outputs
ADDERLink AV 104T transmitter
• Extends a single high-resolution video
and high fidelity audio signal to 4 different
receivers
• Local port to connect local screen
and speakers or to cascade to other
ADDERLink AV 104T transmitter units
ADDERLink AV 101R receiver unit
• Duplicates input from transmitter
allowing for 2 video and 2 audio outputs
• Has local cascade port allowing for
other receivers to be cascaded from the
original receiver




Similar Part No. - AV100PUS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV100P-US L-COM-AV100P-US Datasheet
427Kb / 2P
High density, small form factor audio, video and RS232 distribution
More results


Similar Description - AV100PUS

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com