Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV100P-US Datasheet (PDF) - Infinite Electronics International, Inc.

AV100P-US Datasheet PDF - Infinite Electronics International, Inc.
Part # AV100P-US
Download  AV100P-US Download
File Size   427.08 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High density, small form factor audio, video and RS232 distribution

AV100P-US Datasheet (PDF)

Go To PDF Page Download Datasheet
AV100P-US Datasheet PDF - Infinite Electronics International, Inc.

Part # AV100P-US
Download  AV100P-US Click to download

File Size   427.08 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High density, small form factor audio, video and RS232 distribution

AV100P-US Datasheet (HTML) - Infinite Electronics International, Inc.


AV100P-US Product details

FEATURES
Video performance
Industry leading resolutions of 1600x1200
are achievable at 200m (650ft) and
1280x1024 at 300m (1000ft).

Video compensation
The ADDERLink AV units apply a high
level of signal compensation that allows
for a greatly increased range of very
smooth and fine adjustments.

Brightness control
The ADDERLink AV offers its own
brightness correction to ensure that the
image is crisp, clear and bright, regardless
of the distance.

Audio
Digital audio transmission delivers high
fidelity; click-less audio for speakers and
microphones.

Integrated DeSkew
The ADDERLink AV101R has integrated
skew correction with a 300MHz
bandwidth, meaning that it is more than
powerful enough to counteract the
negative effects of the skew.

Rack options
Both transmitter and receiver units can be
used standalone or up to 16 units can be
mounted into a 3U chassis.

ADDERLink AV 100T transmitter and
ADDERLink AV100R
• Sold individually or as a pair (AV 100P)
• Local port on transmitter to connect
local screen and speakers or for cascading
• ADDERLink AV 100R duplicates input
from transmitter allowing for 2 video and
2 audio outputs

ADDERLink AV 104T transmitter
• Extends a single high-resolution video
and high fidelity audio signal to 4 different
receivers
• Local port to connect local screen
and speakers or to cascade to other
ADDERLink AV 104T transmitter units

ADDERLink AV 101R receiver unit
• Duplicates input from transmitter
allowing for 2 video and 2 audio outputs
• Has local cascade port allowing for
other receivers to be cascaded from the
original receiver





Similar Part No. - AV100P-US

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV100PUS L-COM-AV100PUS Datasheet
427Kb / 2P
ADDERLink AV100 Series
More results


Similar Description - AV100P-US

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
Small Form-Factor Pluggable (SFP) and zSFP
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
Enhanced Small Form-Factor
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com