Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT4096 Datasheet (PDF) - Texas Instruments

DIT4096 Datasheet PDF - Texas Instruments
Part # DIT4096
Download  DIT4096 Download
File Size   461.57 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 96kHz Digital Audio Transmitter

DIT4096 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIT4096 Datasheet PDF - Texas Instruments

Part # DIT4096
Download  DIT4096 Click to download

File Size   461.57 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 96kHz Digital Audio Transmitter

DIT4096 Datasheet (HTML) - Texas Instruments


DIT4096 Product details

FEATURES
COMPLIANT WITH AES-3, IEC-60958, AND EIAJ
CP1201 INTERFACE STANDARDS
SUPPORTS SAMPLING RATES UP TO 96kHz
SUPPORTS MONO-MODE OPERATION
ON-CHIP DIFFERENTIAL LINE DRIVER
FLEXIBLE AUDIO SERIAL INTERFACE:
-Master or Slave Mode Operation
-Supports I2S, Left-Justified, and Right-Justified
Data Formats
SOFTWARE MODE VIA SERIAL CONTROL
INTERFACE:
-Block Sized Buffer for Channel Status Data
-Auto Increment Mode for Block Sized Write and
Read Operations
HARDWARE MODE ALLOWS OPERATION WITHOUT
A MICROCONTROLLER
CRC CODE GENERATION FOR PROFESSIONAL
MODE
MASTER CLOCK RATE: 256fS, 384fS, or 512fS
+5V CORE SUPPLY (VDD)
+2.7V TO VDD LOGIC I/O SUPPLY (VIO)
PACKAGE: TSSOP-28

APPLICATIONS
DIGITAL MIXING CONSOLES
DIGITAL MICROPHONES
DIGITAL AUDIO WORKSTATIONS
BROADCAST STUDIO EQUIPMENT
EFFECTS PROCESSORS
SURROUND-SOUND DECODERS AND ENCODERS
A/V RECEIVERS
DVD, CD, DAT, AND MD PLAYERS
AUDIO TEST EQUIPMENT

DESCRIPTION
The DIT4096 is a digital audio transmitter designed for use
in both professional and consumer audio applications. Transmit
data rates up to 96kHz are supported. The DIT4096
supports both software and hardware operation, which makes
it suitable for applications with or without a microcontroller. A
flexible serial audio interface is provided, supporting standard
audio data formats and easy interfacing to audio DSP
serial ports.




Similar Part No. - DIT4096

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
DIT4096 TI1-DIT4096 Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
DIT4096IPW TI-DIT4096IPW Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
DIT4096IPW TI1-DIT4096IPW Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
DIT4096IPWG4 TI1-DIT4096IPWG4 Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
More results


Similar Description - DIT4096

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
logo
STMicroelectronics
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
logo
Asahi Kasei Microsystem...
AKD4112B-B AKM-AKD4112B-B Datasheet
419Kb / 25P
96kHz digital audio receiver.
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
digital audio 24bit 96kHz A/D converter
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
26-Apr-2010
logo
Texas Instruments
DIT4096 TI1-DIT4096_15 Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
192kHz Digital Audio Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com