Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet (PDF) - STMicroelectronics

STA020 Datasheet PDF - STMicroelectronics
Part # STA020_10
Download  STA020 Download
File Size   214.47 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 96kHz DIGITAL AUDIO INTERFACE TRANSMITTER

STA020 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA020 Datasheet PDF - STMicroelectronics

Part # STA020_10
Download  STA020 Click to download

File Size   214.47 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 96kHz DIGITAL AUDIO INTERFACE TRANSMITTER

STA020 Datasheet (HTML) - STMicroelectronics


STA020 Product details

„ MONOLITHIC DIGITAL AUDIO INTERFACE
TRANSMITTER
„ 3.3V SUPPLY VOLTAGE
„ SUPPORTS:
– AES/EBU, IEC 958,
– S/PDIF, & EIAJ CP-340
– Professional and Consumer Formats
„ PARITY BITS AND CRC CODES
GENERATED
„ TRANSPARENT MODE ALLOWS DIRECT
CONNECTION OF STA020D AND STA120

DESCRIPTION
The STA020D is a monolithic CMOS device which
encodes and transmits audio data according to the
AES/EBU, IEC 958, S/PDIF, & EIAJ CP-340 interface standards. It supports 96kHz sample rate operation
The STA020D accepts audio and digital data
which is then multiplexed, encoded and driven
onto a cable.
The audio serial port is double buffered and capable of supporting a wide variety of formats.
The STA020D multiplexes the channel, user, and
validity data directly from serial input pins with
dedicated input pins for the most important channel status bits.




Similar Part No. - STA020_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020D STMICROELECTRONICS-STA020D Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
STA020D STMICROELECTRONICS-STA020D Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
More results


Similar Description - STA020_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
STMicroelectronics
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
logo
Asahi Kasei Microsystem...
AKD4112B-B AKM-AKD4112B-B Datasheet
419Kb / 25P
96kHz digital audio receiver.
logo
Texas Instruments
DIT4096 TI1-DIT4096_15 Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com