Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 2 Page - STMicroelectronics

  STA020_10 Datasheet HTML 1Page - STMicroelectronics STA020_10 Datasheet HTML 2Page - STMicroelectronics STA020_10 Datasheet HTML 3Page - STMicroelectronics STA020_10 Datasheet HTML 4Page - STMicroelectronics STA020_10 Datasheet HTML 5Page - STMicroelectronics STA020_10 Datasheet HTML 6Page - STMicroelectronics STA020_10 Datasheet HTML 7Page - STMicroelectronics STA020_10 Datasheet HTML 8Page - STMicroelectronics STA020_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA020
2/14
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground)
PIN CONNECTIONS (Top view)
Symbol
Parameter
Value
Unit
VD+
DC Power Supply
4
V
VIND
Digital Input Voltage
-0.3 to VD+ 0.3
V
Tamb
Ambient Operating Temperature (power applied)
-20 to +85
°C
Tstg
Storage Temperature
-40 to 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VD+
DC Voltage
3
3.3
3.6
V
Tamb
Ambient Operating Temp.
0
25
70
°C
PIN DESCRIPTION
N°
Pin
Function
Power Supply Connections
18
GND
Ground.
19
VD+
Positive Digital Power. Nominally +3.3V.
Audio Input Interface
6
SCK
Serial Clock.
Serial clock for SDATA pin which can be configured (via the M0, M1 and M2 pins) as an
input or output and can sample data on the rising or falling edge.As an output, SCK will
contain 32 clocks for every audio sample.
SCK
FSYNC
SDATA
V
C/SBF
C9/C15
U
1
3
2
4
5
6
7
8
9
EM1/C8
CBL/SBC
EM0/C9
RST
TXN
GND
VD+
19
18
17
16
15
13
14
D97AU608A
10
11
12
24
23
22
21
20
C7/C3
PRO
C1/FC0
C6/C2
MCK
TXP
M2
M1
M0
TRNPT/FC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com