Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 4 Page - STMicroelectronics

  STA020_10 Datasheet HTML 1Page - STMicroelectronics STA020_10 Datasheet HTML 2Page - STMicroelectronics STA020_10 Datasheet HTML 3Page - STMicroelectronics STA020_10 Datasheet HTML 4Page - STMicroelectronics STA020_10 Datasheet HTML 5Page - STMicroelectronics STA020_10 Datasheet HTML 6Page - STMicroelectronics STA020_10 Datasheet HTML 7Page - STMicroelectronics STA020_10 Datasheet HTML 8Page - STMicroelectronics STA020_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA020
4/14
DIGITAL CHARACTERISTICS (Tamb = 25°C; VD+ = 3.3V 10%)
Note 1: MCK must be 128x the input word rate, except in Transparent Mode where MCK is 256x the input word rate.
Figure 1. STA020D Professional & Consumer Modes Typical Connection Diagram.
24
TRNPT/FC1
Transparent Mode/Frequency Control 1.
In professional mode, setting TRNPT low selects normal operation & CBL is an output.
Setting TRNPT high, allows the STA020D to be connected directly to an STA120. In
transparent mode, CBL is an input & MCK must be at 256 Fs. In consumer mode, FC0 and
FC1 are encoded versions of channel status bits 24 and 25. When FC0 and FC1 are both
high, CD mode is selected.
Transmitter Interface
5
MCK
Master Clock. Clock input at 128x the sample frequency which defines the transmit timing.
In trasparent mode MCK must be 256 Fs.
20, 17
TXP, TXN
Differential Line Drivers.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIH
High-Level Input Voltage
2.0
VDD+0.3
V
VIL
Low-Level Input Voltage
-0.3
+0.8
V
VOH
High-Level Output Voltage
IO = 200
µA
VDD-1.0
V
VOL
Low-Level Output Voltage
IO = 3.2mA
0.4
V
Iin
Input Leakage Current
1.0
10
A
MCK
Master Clock frequency
(Note 1)
26
MHz
Master Clock Duty Cycle
(high time/cycle time)
40
60
%
PIN DESCRIPTION (continued)
N°
Pin
Function
7
6
8
15
10
AUDIO
DATA
PROCESSOR
µCONTROLLER
or
UNUSED
CHANNEL
STATUS BITS
CONTROL
11
9
RST
16
V
U
C
CBL
SDATA
SCK
FSYNC
8 DEDICATED C.S. BITS
EXTERNAL
CLOCK
5
MCK
STA020
+3.3V
19
VD+
GND
TRNPT
24
18
0.1
µF
SERIAL PORT
MODE SELECT
TRANSMITTER
CIRCUIT
M0
23
M1
22
M2
21
TXP
20
TXN
17
D97AU600A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com