Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 5 Page - STMicroelectronics

  STA020_10 Datasheet HTML 1Page - STMicroelectronics STA020_10 Datasheet HTML 2Page - STMicroelectronics STA020_10 Datasheet HTML 3Page - STMicroelectronics STA020_10 Datasheet HTML 4Page - STMicroelectronics STA020_10 Datasheet HTML 5Page - STMicroelectronics STA020_10 Datasheet HTML 6Page - STMicroelectronics STA020_10 Datasheet HTML 7Page - STMicroelectronics STA020_10 Datasheet HTML 8Page - STMicroelectronics STA020_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/14
STA020
Figure 2. STA020D Typical Connection Diagram.
GENERAL DESCRIPTION
The STA020D is a monolithic CMOS circuit that encodes and transmits audio and digital data according
to the AES/EBU, IEC 958, S/PDIF, and EIAJ CP-340 interface standards. The chip accepts audio and con-
trol data separately; multiplex and biphase-mark encode the data internally and drive it, directly or through
a transformer, to a transmission line.
The STA020D has dedicated pins for the most important control bits and a serial input port for the C, U
and V bits.
Line Drivers
The differential line drivers for STA020D are low skew, low impedance, differential outputs capable of driv-
ing 110Ohm transmission lines. (RS422 line driver compatible).
They can also be disabled by resetting the device (RST = low).
STA020D DESCRIPTION
The STA020D accepts 16 to 24-bit audio samples through a serial port configured in one of seven formats;
provides several pins dedicated to particular channel status bits and allows all channel status, user and
validity bits to be serially input through port pins. This data is multiplexed, the parity bit is generated and
the bit stream is biphase-mark encoded and driven through an RS422 line driver.
The STA020D operates as a professional or consumer interface transmitter selectable by pin 2, PRO. As
a professional interface device, the dedicated channel status input pins are defined according to the pro-
fessional standard, and the CRC code (C.S. byte 23) can be internally generated.
As a consumer device, the dedicated channel status input pins are defined according to the consumer
standard. A submode provided under the consumer mode is compact disk, CD, mode. When transmitting
data from a compact disk, the CD subcode port can accept CD subcode data, extract channel status in-
7
6
8
15
10
AUDIO
DATA
PROCESSOR
RESET
CONTROL
11
9
RST
16
V
U
SBF
SBC
SDATA
SCK
FSYNC
8 DEDICATED C.S. BITS
EXTERNAL
CLOCK
5
MCK
STA020
+5V
19
VD+
GND
18
0.1
µF
SERIAL PORT
MODE SELECT
TRANSMITTER
CIRCUIT
M0
23
M1
22
M2
21
TXP
20
TXN
17
D99AU989A
DECODER
SUBCODE
PORT
CHANNEL
STATUS BITS
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com