Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30-USB-CS Datasheet (PDF) - TT Electronics.

30-USB-CS Datasheet PDF - TT Electronics.
Part # 30-USB-CS
Download  30-USB-CS Download
File Size   256.13 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 30 PORT USB RAPID CHARGE & SYNC HUB

30-USB-CS Datasheet (PDF)

Go To PDF Page Download Datasheet
30-USB-CS Datasheet PDF - TT Electronics.

Part # 30-USB-CS
Download  30-USB-CS Click to download

File Size   256.13 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 30 PORT USB RAPID CHARGE & SYNC HUB

30-USB-CS Datasheet (HTML) - TT Electronics.


30-USB-CS Product details

Features:
• Fully compatible with BC 1.2 agreement, can charge fast for most USB devices
• MTT data architecture to improve the transmission rate
• Premium long life 5V, 60A power supply included
• Individual circuit protection design per port to protects your computer or device from damage
• Shell adopts high quality aluminum alloy to ensure heat dissipation and improve anti-interference
• Hidden lighting design to make the connection status clear
• Support Win7, Window Vista, Windows XP Pro/home edition, Windows 98/ME/2000 Pro/home education, MACOS 9.0 and others.
• Fully compatible with USB 1.1 and USB2.0, support hot plug, plug and play.
Description:
The 30 Port USB fast charging hub provides up to 2.4 amps per Port, suitable for use with iPhone, iPad, Android and other USB Devices. BC1.2 agreement compatible. Charge up to 30 devices at the same time, this hub also enables you to install software in bulk by way of the sync feature.
Apply to mobile software in bulk download, Scanner, Digital camera, DVC (digital video camera, audio systems, monitor, input devices, internet bar LAN, Game Pad etc




Similar Part No. - 30-USB-CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-000 ETC2-30-000 Datasheet
92Kb / 1P
3/16 (4.8mm) Plato Tips to fit Pace SX-65A SX-70 SODR-X-TRACTORS
logo
Tensility International...
30-00003 TENSILITY-30-00003 Datasheet
346Kb / 2P
Wire, 2C, 24 AWG, UL2468, 300V, 80C, 3.6mm, VW-1, PVC, 65P
30-00004 TENSILITY-30-00004 Datasheet
345Kb / 2P
Wire, 1C, 18 AWG, UL1185, 300V, 80C, 3.4mm, shielded, VW-1, PVC, 60P
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00006 TENSILITY-30-00006 Datasheet
353Kb / 2P
Wire, 3C, 24 AWG, 300V, 80C, 3.4 mm, PVC, 65P
More results


Similar Description - 30-USB-CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBH12 PHILIPS-PDIUSBH12 Datasheet
170Kb / 28P
USB 2-port hub
1999 Jul 22
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com