Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12 Datasheet (PDF) - NXP Semiconductors

PDIUSBH12 Datasheet PDF - NXP Semiconductors
Part # PDIUSBH12
Download  PDIUSBH12 Download
File Size   170.83 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description USB 2-port hub

PDIUSBH12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDIUSBH12 Datasheet PDF - NXP Semiconductors

Part # PDIUSBH12
Download  PDIUSBH12 Click to download

File Size   170.83 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description USB 2-port hub

PDIUSBH12 Datasheet (HTML) - NXP Semiconductors


PDIUSBH12 Product details

DESCRIPTION
The Universal Serial Bus Hub PDIUSBH12 is a cost and feature optimized second generation USB Hub with 2 downstream ports and 3 embedded functions (compound hub). It is normally used in any microcontroller-based system and communicates with the system microcontroller over the high speed I2C serial bus. This modular approach to implementing a hub and embedded functions allows the designer to choose the optimum system microcontroller from the available wide variety. This flexibility cuts down the development time, risks and costs by allowing the use of the existing architecture and the firmware investments. This results in the fastest way to develop the most cost-effective USB peripheral solutions that need hub functionality. The PDIUSBH12 is ideally suited for computer monitors, docking stations, keyboards and many other applications that use the I2C or the SMBus based architecture.

FEATURES
• Complies with the Universal Serial Bus specification Rev. 1.0
• Complies with the ACPI, OnNOW, and USB power management requirements
• Compliant with USB Human Interface Devices and Monitor Control Class
• Compliant with System Management Bus Specification Rev. 1.0
• Two downstream ports with per packet connectivity and auto speed detection
• Supports up to 3 embedded functions
• Integrated SIE (Serial Interface Engine), FIFO memory and transceivers
• Automatic USB protocol handling
• High speed slave I2C Interface (up to 1 Mbit/s)
• Compatible with the PDIUSBH11 hardware and software
• Software controllable connection to USB bus (SoftConnect)
• Good USB downstream connection indicators that blink with traffic (GoodLink)
• Low frequency 12 MHz crystal oscillator eases EMI design issues
• Programmable output clock frequency
• Bus powered capability with very low suspend current
• Controllable LazyClock output at 30 kHz (nominal) during suspend
• Single 3.3V supply with 5V tolerant I/O
• Available in 28-pin DIP and SO packages
• Full-scan design with high fault coverage (>99%) insures high quality
• Higher than 8 KV in-circuit ESD protection lowers cost of extra components




Similar Part No. - PDIUSBH12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBH11 PHILIPS-PDIUSBH11 Datasheet
146Kb / 26P
Universal Serial Bus Hub
1997 Aug 01
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
Universal Serial Bus Hub
1999 Jul 22
PDIUSBH11AD PHILIPS-PDIUSBH11AD Datasheet
157Kb / 28P
Universal Serial Bus Hub
1999 Jul 22
PDIUSBH11ANB PHILIPS-PDIUSBH11ANB Datasheet
157Kb / 28P
Universal Serial Bus Hub
1999 Jul 22
PDIUSBH11D PHILIPS-PDIUSBH11D Datasheet
146Kb / 26P
Universal Serial Bus Hub
1997 Aug 01
More results


Similar Description - PDIUSBH12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL651USB ETC-GL651USB Datasheet
156Kb / 16P
2-PORT USB KEYBOARD HUB CONTROLLER
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
logo
Microchip Technology
USB5532B MICROCHIP-USB5532B Datasheet
532Kb / 40P
2-Port SS/HS USB Hub Controller
07/14/15
logo
SMSC Corporation
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB5742 MICROCHIP-USB5742 Datasheet
683Kb / 46P
2-Port SS/HS USB Controller Hub
07/14/15
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
USB5532B MICROCHIP-USB5532B_15 Datasheet
930Kb / 68P
2-Port SS/HS USB Hub Controller
07/14/15
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB5742 MICROCHIP-USB5742_V01 Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5742B MICROCHIP-USB5742B Datasheet
747Kb / 48P
2-Port SS/HS USB Controller Hub
DS00002016H (04-27-22)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com