Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1302EUA Datasheet (PDF) - SYC Electronica

A1302EUA Datasheet PDF - SYC Electronica
Part # A1302EUA
Download  A1302EUA Download
File Size   300.35 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Continuous-Time Ratiometric Linear Hall Effect Sensors

A1302EUA Datasheet (PDF)

Go To PDF Page Download Datasheet
A1302EUA Datasheet PDF - SYC Electronica

Part # A1302EUA
Download  A1302EUA Click to download

File Size   300.35 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Continuous-Time Ratiometric Linear Hall Effect Sensors

A1302EUA Datasheet (HTML) - SYC Electronica


A1302EUA Product details

Features and Benefits
▪ Low-noise output
▪ Fast power-on time
▪ Ratiometric rail-to-rail output
▪ 4.5 to 6.0 V operation
▪ Solid-state reliability
▪ Factory-programmed at end-of-line for optimum
performance
▪ Robust ESD performance

Description
The A1301 and A1302 are continuous-time, ratiometric, linear
Hall-effect sensors. They are optimized to accurately provide
a voltage output that is proportional to an applied magnetic
field. These devices have a quiescent output voltage that is
50% of the supply voltage. Two output sensitivity options are
provided: 2.5 mV/G typical for the A1301, and 1.3 mV/G
typical for the A1302.
The Hall-effect integrated circuit included in each device
includes a Hall sensing element, a linear amplifier, and a
CMOS Class A output structure. Integrating the Hall sensing
element and the amplifier on a single chip minimizes many
of the problems normally associated with low voltage level
analog signals.
High precision in output levels is obtained by internal gain
and offset trim adjustments made at end-of-line during the
manufacturing process.
These features make the A1301 and A1302 ideal for use in
position sensing systems, for both linear target motion and
rotational target motion. They are well-suited for industrial
applications over extended temperature ranges, from –40°C
to 125°C.
Two device package types are available: LH, a 3-pin SOT23W
type for surface mount, and UA, a 3-pin ultramini SIP for
through-hole mount. They are lead (Pb) free (suffix, –T) with
100% matte tin plated leadframes.




Similar Part No. - A1302EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1302EUA ALLEGRO-A1302EUA Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A1302EUA-T ALLEGRO-A1302EUA-T Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A1302EUA-T ALLEGRO-A1302EUA-T Datasheet
267Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
More results


Similar Description - A1302EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
Ratiometric Linear Hall-effect Sensor
06/05
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
logo
OPTEK Technologies
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
Ratiometric Linear Hall-effect Sensor
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
logo
TT Electronics.
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
Ratiometric Linear Hall-Effect Sensor
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
Ratiometric Linear Hall-Effect Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com