Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524B Datasheet (PDF) - Semtech Corporation

SC4524B Datasheet PDF - Semtech Corporation
Part # SC4524B
Download  SC4524B Download
File Size   770.37 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 16V 2A Step-Down Switching Regulator

SC4524B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4524B Datasheet PDF - Semtech Corporation

Part # SC4524B
Download  SC4524B Click to download

File Size   770.37 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 16V 2A Step-Down Switching Regulator

SC4524B Datasheet (HTML) - Semtech Corporation


SC4524B Product details

Description
The SC4524B is a constant frequency peak current-mode step-down switching regulator capable of producing 2A output current from an input ranging from 3V to 18V. The switching frequency of the SC4524B is programmable up to 2MHz, allowing the use of small inductors and ceramic capacitors for miniaturization, and high input/output conversion ratio. The SC4524B is suitable for next generation XDSL modems, high-definition TVs and various point of load applications.

Features
■ Wide input range: 3V to 18V
■ 2A Output Current
■ 200kHz to 2MHz Programmable Frequency
■ Precision 1V Feedback Voltage
■ Peak Current-Mode Control
■ Cycle-by-Cycle Current Limiting
■ Hiccup Overload Protection with Frequency Foldback
■ Soft-Start and Enable
■ Thermal Shutdown
■ Thermally Enhanced 8-pin SOIC Package
■ Fully RoHS and WEEE compliant

Applications
■ XDSL and Cable Modems
■ Set Top Boxes
■ Point of Load Applications
■ CPE Equipment
■ DSP Power Supplies
■ LCD and Plasma TVs
     




Similar Part No. - SC4524B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524B SEMTECH-SC4524B Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
SC4524BEVB SEMTECH-SC4524BEVB Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
SC4524BSETRT SEMTECH-SC4524BSETRT Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
SC4524B SEMTECH-SC4524B_08 Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
More results


Similar Description - SC4524B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3410 EUTECH-EUP3410 Datasheet
963Kb / 12P
2A,16V,380KHz Step-Down Converter
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Fairchild Semiconductor
FAN8301 FAIRCHILD-FAN8301 Datasheet
618Kb / 12P
2A, 16V, Non-Synchronous, Step-Down, DC/DC Regulator
logo
Monolithic Power System...
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
2A, 16V, 1.4MHz Step-Down Converter
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com