Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4524B
Description  16V 2A Step-Down Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524B Datasheet(HTML) 1 Page - Semtech Corporation

  SC4524B Datasheet HTML 1Page - Semtech Corporation SC4524B Datasheet HTML 2Page - Semtech Corporation SC4524B Datasheet HTML 3Page - Semtech Corporation SC4524B Datasheet HTML 4Page - Semtech Corporation SC4524B Datasheet HTML 5Page - Semtech Corporation SC4524B Datasheet HTML 6Page - Semtech Corporation SC4524B Datasheet HTML 7Page - Semtech Corporation SC4524B Datasheet HTML 8Page - Semtech Corporation SC4524B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
POWER MANAGEMENT
November 1, 2007
1
16V 2A Step-Down Switching Regulator
SC4524B
Typical Application Circuit
Features
Wide input range: 3V to 16V
2A Output Current
200kHz to 2MHz Programmable Frequency
Precision 1V Feedback Voltage
Peak Current-Mode Control
Cycle-by-Cycle Current Limiting
Hiccup Overload Protection with Frequency Foldback
Soft-Start and Enable
Thermal Shutdown
Thermally Enhanced 8-pin SOIC Package
Fully RoHS and WEEE compliant
Applications
XDSL and Cable Modems
Set Top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
LCD and Plasma TVs
Description
The SC4524B is a constant frequency peak current-mode
step-down switching regulator capable of producing 2A
output current from an input ranging from 3V to 16V. The
switching frequency of the SC4524B is programmable
up to 2MHz, allowing the use of small inductors and
ceramic capacitors for miniaturization, and high input/
output conversion ratio. The SC4524B is suitable for
next generation XDSL modems, high-definition TVs and
various point of load applications.
Peak current-mode PWM control employed in the
SC4524B achieves fast transient response with simple loop
compensation. Cycle-by-cycle current limiting and hiccup
overload protection reduces power dissipation during
output overload. Soft-start function reduces input start-
up current and prevents the output from overshooting
during power-up.
The SC4524B is available in SOIC-8 EDP package.
Figure 1. 1MHz 10V-16V to 5V/2A Step-down Converter
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
SS270 REV 4
VIN = 12V
SC4524B
GND
IN
SW
BST
L1
6.8mH
C1
0.1mF
SS/EN
COMP
FB
D2
20BQ030
25.5k
R6
102k
10nF
C8
10pF
C5
1nF
L1: Wurth 744 778 9006
OUT
5V/2A
D1
1N4148
10V – 16V
ROSC
C2: Murata GRM31CR60J226K
C4
2.2mF
C4: Murata GRM31CR61E225K
VIN
C2
22mF
C7
R4
18.2k
R5
30.1k
R7


Similar Part No. - SC4524B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524B SEMTECH-SC4524B Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
SC4524BEVB SEMTECH-SC4524BEVB Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
SC4524BSETRT SEMTECH-SC4524BSETRT Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
SC4524B SEMTECH-SC4524B_08 Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
More results

Similar Description - SC4524B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3410 EUTECH-EUP3410 Datasheet
963Kb / 12P
2A,16V,380KHz Step-Down Converter
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Fairchild Semiconductor
FAN8301 FAIRCHILD-FAN8301 Datasheet
618Kb / 12P
2A, 16V, Non-Synchronous, Step-Down, DC/DC Regulator
logo
Monolithic Power System...
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
2A, 16V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com