Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3680N Datasheet (PDF) - Texas Instruments

DS3680N Datasheet PDF - Texas Instruments
Part # DS3680N
Download  DS3680N Download
File Size   428.77 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD TELEPHONE RELAY DRIVER

DS3680N Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3680N Datasheet PDF - Texas Instruments

Part # DS3680N
Download  DS3680N Click to download

File Size   428.77 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD TELEPHONE RELAY DRIVER

DS3680N Datasheet (HTML) - Texas Instruments


DS3680N Product details

Designed for –52-V Battery Operation
50-mA Output Current Capability
Input Compatible With TTL and CMOS
High Common-Mode Input Voltage Range
Very Low Input Current
Fail-Safe Disconnect Feature
Built-in Output Clamp Diode
Direct Replacement for National DS3680
and Fairchild mA3680

description
The DS3680 telephone relay driver is a monolithic
integrated circuit designed to interface –48-V
relay systems to TTL or other systems in
telephone applications. It is capable of sourcing
up to 50 mA from standard –52-V battery power.
To reduce the effects of noise and IR drop between
logic ground and battery ground, these drivers are
designed to operate with a common-mode input
range of ±20 V referenced to battery ground. The
common-mode input voltages for the four drivers
can be different, so a wide range of input elements
can be accommodated. The high-impedance
inputs are compatible with positive TTL and
CMOS levels or negative logic levels. A clamp
network is included in the driver outputs to limit
high-voltage transients generated by the relay coil
during switching. The complementary inputs
ensure that the driver output is off as a fail-safe
condition when either output is open.
The DS3680 is characterized for operation from
0°C to 70°C.




Similar Part No. - DS3680N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3680N NSC-DS3680N Datasheet
116Kb / 6P
Quad Negative Voltage Relay Driver
logo
Texas Instruments
DS3680N TI-DS3680N Datasheet
83Kb / 5P
QUAD TELEPHONE RELAY DRIVER
DS3680N TI1-DS3680N Datasheet
262Kb / 10P
QUAD TELEPHONE RELAY DRIVER
More results


Similar Description - DS3680N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3680 NSC-DS3680 Datasheet
116Kb / 6P
Quad Negative Voltage Relay Driver
logo
Texas Instruments
DS3680 TI-DS3680 Datasheet
83Kb / 5P
QUAD TELEPHONE RELAY DRIVER
UC1702 TI-UC1702 Datasheet
162Kb / 4P
Quad PWM Relay Driver
logo
Agere Systems
L7590C AGERE-L7590C Datasheet
269Kb / 10P
Telephone Ringing Driver
June 1998
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
QUAD DRIVER
logo
Gamewell-FCI by Honeywe...
QRU-EOL GAMEWELL-FCI-QRU-EOL Datasheet
49Kb / 1P
Quad Relay Unit
logo
Texas Instruments
DS3680-N TI1-DS3680-N Datasheet
184Kb / 8P
DS3680 Quad Negative Voltage Relay Driver
DS3680 TI1-DS3680_16 Datasheet
262Kb / 10P
QUAD TELEPHONE RELAY DRIVER
UC1702 TI1-UC1702_08 Datasheet
196Kb / 6P
Quad PWM Relay Driver
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com