Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E112 Datasheet (PDF) - Micrel Semiconductor

SY10E112 Datasheet PDF - Micrel Semiconductor
Part # SY10E112
Download  SY10E112 Download
File Size   62.68 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QUAD DRIVER

SY10E112 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E112 Datasheet PDF - Micrel Semiconductor

Part # SY10E112
Download  SY10E112 Click to download

File Size   62.68 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QUAD DRIVER

SY10E112 Datasheet (HTML) - Micrel Semiconductor


SY10E112 Product details

DESCRIPTION
The SY10/100E112 are quad drivers designed for use in new, high-performance ECL systems. The E112 has two pairs of OR/NOR outputs from each gate and a common, buffered enable input. The data input can also be used as an ECL memory address fan-out driver, although the E111 is designed specifically for this purpose, and offers lower skew than the E112. For memory address driver applications where scan capabilities are required, please refer to the SY10/100E212 device.

FEATURES
■ 600ps max. propagation delay
■ Extended 100E VEE range of –4.2V to –5.5V
■ Common enable input
■ Fully compatible with industry standard 10KH, 100K
   I/O levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E112
■ Available in 28-pin PLCC package




Similar Part No. - SY10E112

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111 Datasheet
68Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A/L MICREL-SY10E111A/L Datasheet
76Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
More results


Similar Description - SY10E112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10192 ONSEMI-MC10192 Datasheet
102Kb / 4P
Quad Bus Driver
1996 REV 5
MC10E112 ONSEMI-MC10E112 Datasheet
99Kb / 4P
QUAD DRIVER
1996 REV 2
logo
Micrel Semiconductor
SY100S313 MICREL-SY100S313 Datasheet
97Kb / 5P
QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
QUAD DRIVER
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601 Datasheet
55Kb / 8P
Quad Driver
February, 2003 - Rev. 2
logo
National Semiconductor ...
F100112 NSC-F100112 Datasheet
112Kb / 4P
Quad Driver
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601_06 Datasheet
66Kb / 6P
Quad Driver
April, 2006 ??Rev. 4
logo
Intersil Corporation
ISL35411 INTERSIL-ISL35411 Datasheet
404Kb / 11P
Quad Driver
March 25, 2010
logo
Micrel Semiconductor
SY100S313 MICREL-SY100S313_07 Datasheet
79Kb / 4P
QUAD DRIVER
logo
Renesas Technology Corp
ISL35411 RENESAS-ISL35411 Datasheet
845Kb / 12P
Quad Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com