Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E111 Datasheet (PDF) - Micrel Semiconductor

SY10E111 Datasheet PDF - Micrel Semiconductor
Part # SY10E111
Download  SY10E111 Download
File Size   78.68 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE

SY10E111 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E111 Datasheet PDF - Micrel Semiconductor

Part # SY10E111
Download  SY10E111 Click to download

File Size   78.68 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE

SY10E111 Datasheet (HTML) - Micrel Semiconductor


SY10E111 Product details

DESCRIPTION
The SY10/100E111 are low skew 1-to-9 differential drivers designed for clock distribution in new, high performance ECL systems. They accept one differential or single-ended input, with VBB used for single-ended operation. The signal is fanned out to nine identical differential outputs. An enable input is also provided such that a logic HIGH disables the device by forcing all Q outputs LOW and all /Q outputs HIGH.

FEATURES
■ Low skew
■ Extended 100E VEE range of –4.2V to –5.5V
■ Guaranteed skew limits
■ Differential design
■ VBB output
■ Enable input
■ Fully compatible with industry standard 10KH, 100K I/O levels
■ 75KΩ input pulldown resistors
■ Fully compatible with ON Semiconductor MC10E/100E111
■ Available in 28-pin PLCC package




Similar Part No. - SY10E111

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111 Datasheet
68Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A/L MICREL-SY10E111A/L Datasheet
76Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
More results


Similar Description - SY10E111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
Micrel Semiconductor
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
1:9 Differential Clock Driver
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
ECL/PECL 1:9 Differential Clock Driver with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com