Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E111A Datasheet (PDF) - Micrel Semiconductor

SY10E111A Datasheet PDF - Micrel Semiconductor
Part # SY10E111A
Download  SY10E111A Download
File Size   84.74 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE

SY10E111A Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E111A Datasheet PDF - Micrel Semiconductor

Part # SY10E111A
Download  SY10E111A Click to download

File Size   84.74 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE

SY10E111A Datasheet (HTML) - Micrel Semiconductor


SY10E111A Product details

DESCRIPTION
The SY10/100E111A/L are low skew 1-to-9 differential driver designed for clock distribution in mind. The SY10/100E111A/Ls function and performance are similar to the popular SY10/100E111, with the improvement of lower jitter and the added feature of low voltage operation. It accepts one signal input, which can be either differential or singleended if the VBB output is used. The signal is fanned out to 9 identical differential outputs.

FEATURES
■ 5V and 3.3V power supply options
■ 200ps part-to-part skew
■ 50ps output-to-output skew
■ Differential design
■ VBB output
■ Voltage and temperature compensated outputs
■ 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC100LVE111
■ Available in 28-pin PLCC package




Similar Part No. - SY10E111A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111A/L MICREL-SY10E111A/L Datasheet
76Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
157Kb / 7P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111AEJC MICREL-SY10E111AEJC Datasheet
91Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
More results


Similar Description - SY10E111A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com