Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E111AE Datasheet (PDF) - Micrel Semiconductor

SY10E111AE Datasheet PDF - Micrel Semiconductor
Part # SY10E111AE
Download  SY10E111AE Download
File Size   91.04 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)

SY10E111AE Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E111AE Datasheet PDF - Micrel Semiconductor

Part # SY10E111AE
Download  SY10E111AE Click to download

File Size   91.04 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)

SY10E111AE Datasheet (HTML) - Micrel Semiconductor


SY10E111AE Product details

DESCRIPTION
The SY10/100E111AE/LE are low skew 1-to-9 differential drivers designed for clock distribution in mind. The SY10/100E111AE/LEs function and performance are similar to the popular SY10/100E111, with the improvement of lower jitter and the added feature of low voltage operation.
   
FEATURES
■ 5V and 3.3V power supply options
■ 200ps part-to-part skew
■ 50ps output-to-output skew
■ Differential design
■ VBB output
■ Enable Input
■ Voltage and temperature compensated outputs
■ 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10/100E111
■ Available in 28-pin PLCC package
   




Similar Part No. - SY10E111AE

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
157Kb / 7P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111AEJC MICREL-SY10E111AEJC Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AEJC MICREL-SY10E111AEJC Datasheet
157Kb / 7P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111AEJCTR MICREL-SY10E111AEJCTR Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
More results


Similar Description - SY10E111AE

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com