Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-NFDM Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-NFDM Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-NFDM
Download  AXA-NFDM Download
File Size   67.18 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-FEMALE TO 7/16 DIN MALE ADAPTOR

AXA-NFDM Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-NFDM Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-NFDM
Download  AXA-NFDM Click to download

File Size   67.18 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-FEMALE TO 7/16 DIN MALE ADAPTOR

AXA-NFDM Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-NFDM Product details

NOTES:
ELECTRICAL:
IMPEDANCE: 50OHM
FREQUENCY RANGE: DC~6 GHz
INSERTION LOSS: .2 dB MAX.
WORKING VOLTAGE: 2700 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 4000 VRMS MIN.

PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPE

REGULATORY COMPLIANCE:
RoHS, CE




Similar Part No. - AXA-NFDM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-NFMUM L-COM-AXA-NFMUM Datasheet
78Kb / 1P
ADP N-FEMALE TO MINI-UHF M
02/13/2019
AXA-NFNF L-COM-AXA-NFNF Datasheet
117Kb / 1P
ADP, N-FEMALE TO N-FEMALE
4/21/10
AXA-NFNFB L-COM-AXA-NFNFB Datasheet
30Kb / 1P
N-Female to N-Female Bulkhead for 1/8" [3.25mm] Chasis
09/25/09
AXA-NFNFB2 L-COM-AXA-NFNFB2 Datasheet
102Kb / 1P
RF ADAPTER, N JACK-N JACK, 50 OHM RoHS : Compliant
AXA-NFNFB2 L-COM-AXA-NFNFB2 Datasheet
102Kb / 1P
N-Female to N-Female Bulkhead for 1/4” [6.35mm] Chasis
05/08/03
More results


Similar Description - AXA-NFDM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9178 PASTERNACK-PE9178 Datasheet
256Kb / 3P
N Male to 7/16 DIN Female Adapter
PE9179 PASTERNACK-PE9179 Datasheet
255Kb / 3P
N Female to 7/16 DIN Male Adapter
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91134 PASTERNACK-PE91134 Datasheet
237Kb / 3P
N Male to 7 - 16 DIN Female Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE3C2004 PASTERNACK-PE3C2004 Datasheet
367Kb / 4P
7 - 16 DIN Male to 7 - 16 DIN Female LSZH Jacketed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com