Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111 Datasheet (PDF) - Texas Instruments

INA111 Datasheet PDF - Texas Instruments
Part # INA111
Download  INA111 Download
File Size   318.94 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Speed FET-Input INSTRUMENTATION AMPLIFIER

INA111 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA111 Datasheet PDF - Texas Instruments

Part # INA111
Download  INA111 Click to download

File Size   318.94 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Speed FET-Input INSTRUMENTATION AMPLIFIER

INA111 Datasheet (HTML) - Texas Instruments


INA111 Product details

FEATURES
FET INPUT: IB = 20pA max
HIGH SPEED: TS = 4ms (G = 100, 0.01%)
LOW OFFSET VOLTAGE: 500mV max
LOW OFFSET VOLTAGE DRIFT:
5mV/°C max
HIGH COMMON-MODE REJECTION:
106dB min
8-PIN PLASTIC DIP, SOL-16 SOIC

APPLICATIONS
MEDICAL INSTRUMENTATION
DATA ACQUISITION

DESCRIPTION
The INA111 is a high speed, FET-input instrumentation
amplifier offering excellent performance.
The INA111 uses a current-feedback topology providing
extended bandwidth (2MHz at G = 10) and fast
settling time (4ms to 0.01% at G = 100). A single
external resistor sets any gain from 1 to over 1000.
Offset voltage and drift are laser trimmed for excellent
DC accuracy. The INA111’s FET inputs reduce input
bias current to under 20pA, simplifying input filtering
and limiting circuitry.
The INA111 is available in 8-pin plastic DIP, and
SOL-16 surface-mount packages, specified for the
–40°C to +85°C temperature range.




Similar Part No. - INA111

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111AP BURR-BROWN-INA111AP Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111AP BURR-BROWN-INA111AP Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111APG4 BURR-BROWN-INA111APG4 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA111

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 TI1-INA121 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com