Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA145 Datasheet (PDF) - Texas Instruments

INA145 Datasheet PDF - Texas Instruments
Part # INA145
Download  INA145 Download
File Size   250.96 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable Gain DIFFERENCE AMPLIFIER

INA145 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA145 Datasheet PDF - Texas Instruments

Part # INA145
Download  INA145 Click to download

File Size   250.96 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable Gain DIFFERENCE AMPLIFIER

INA145 Datasheet (HTML) - Texas Instruments


INA145 Product details

FEATURES
DIFFERENTIAL GAIN = 1V/V TO 1000V/V:
Set with External Resistors
LOW QUIESCENT CURRENT: 570mA
WIDE SUPPLY RANGE:
Single Supply: 4.5V to 36V
Dual Supplies: ±2.25V to ±18V
HIGH COMMON-MODE VOLTAGE:
+8V at VS = +5V
±28V at VS = ±15V
LOW GAIN ERROR: 0.01%
HIGH CMR: 86dB
SO-8 PACKAGE

APPLICATIONS
CURRENT SHUNT MEASUREMENTS
SENSOR AMPLIFIER
DIFFERENTIAL LINE RECEIVER
BATTERY POWERED SYSTEMS

DESCRIPTION
The INA145 is a precision, unity-gain difference
amplifier consisting of a precision op amp and onchip
precision resistor network. Two external resistors
set the gain from 1V/V to 1000V/V. The input common-
mode voltage range extends beyond the positive
and negative rails.
On-chip precision resistors are laser-trimmed to achieve
accurate gain and high common-mode rejection. Excellent
TCR tracking of these resistors assures continued
high precision over temperature.
The INA145 is available in the SO-8 surface-mount
package specified for the extended industrial temperature
range, –40°C to +85°C.




Similar Part No. - INA145

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
Programmable Gain DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA145UA BURR-BROWN-INA145UA Datasheet
127Kb / 11P
Programmable Gain DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA145UA TI1-INA145UA Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
INA145UA/2K5 TI1-INA145UA/2K5 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
More results


Similar Description - INA145

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
Programmable Gain DIFFERENCE AMPLIFIER
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD628 AD-AD628 Datasheet
247Kb / 20P
High Common-Mode Voltage Programmable Gain Difference Amplifier
4/04-Data Sheet Changed from Rev. B to Rev. C
AD628 AD-AD628_06 Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
INA146 TI1-INA146 Datasheet
332Kb / 15P
High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com