Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA152 Datasheet (PDF) - Texas Instruments

INA152 Datasheet PDF - Texas Instruments
Part # INA152
Download  INA152 Download
File Size   341.5 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply DIFFERENCE AMPLIFIER

INA152 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA152 Datasheet PDF - Texas Instruments

Part # INA152
Download  INA152 Click to download

File Size   341.5 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply DIFFERENCE AMPLIFIER

INA152 Datasheet (HTML) - Texas Instruments


INA152 Product details

FEATURES
SWING: to Within 200mV of Either Output Rail
LOW OFFSET DRIFT: ±3μV/°C
LOW OFFSET VOLTAGE: ±250μV
HIGH CMR: 94dB
LOW GAIN ERROR: 0.01%
LOW GAIN ERROR DRIFT: 1ppm/°C
WIDE SUPPLY RANGE:
Single: 2.7V to 20V
Dual: ±1.35V to ±10V
MSOP-8 PACKAGE

APPLICATIONS
DIFFERENCE INPUT AMPLIFIER
BUILDING BLOCK
UNITY-GAIN INVERTING AMPLIFIER
GAIN = 1/2
AMPLIFIER GAIN = 2 AMPLIFIER
SUMMING AMPLIFIER
SYNCHRONOUS DEMODULATOR
CURRENT AND DIFFERENTIAL LINE
RECEIVER
VOLTAGE-CONTROLLED CURRENT
SOURCE
BATTERY-POWERED SYSTEMS
LOW-COST AUTOMOTIVE INSTRUMENTATION

DESCRIPTION
The INA152 is a small (MSOP-8), low-power, unitygain
difference amplifier consisting of a CMOS op
amp and a precision resistor network. The on-chip
resistors are laser trimmed for accurate gain and high
common-mode rejection. Excellent TCR tracking of
the resistor maintains gain accuracy and commonmode
rejection over temperature. The input commonmode
voltage range extends to above the positive and
negative rails and the output swings to within 50mV of
either rail.
The difference amplifier is the foundation of many
commonly used circuits. The INA152 provides precision
circuit function without using an expensive precision
network.
The INA152 is specified for operation over the extended
industrial temperature range, –40°C to +85°C.




Similar Part No. - INA152

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152EA BURR-BROWN-INA152EA Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152EA/250 TI1-INA152EA/250 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
INA152EA/250G4 TI1-INA152EA/250G4 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results


Similar Description - INA152

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
Single-Supply 42 V System Difference Amplifier
4/04-Revision 0
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com