Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA152 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152 Datasheet(HTML) 2 Page - Texas Instruments

  INA152 Datasheet HTML 1Page - Texas Instruments INA152 Datasheet HTML 2Page - Texas Instruments INA152 Datasheet HTML 3Page - Texas Instruments INA152 Datasheet HTML 4Page - Texas Instruments INA152 Datasheet HTML 5Page - Texas Instruments INA152 Datasheet HTML 6Page - Texas Instruments INA152 Datasheet HTML 7Page - Texas Instruments INA152 Datasheet HTML 8Page - Texas Instruments INA152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INA152
2
SBOS184
SPECIFICATIONS: V
S = ±10V
INA152EA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
RTO(1) (2)
Input Offset Voltage
VCM = 0V
±250
±1500
µV
vs Temperature
TA = –40°C to +85°C
±3
±15
µV/°C
vs Power Supply
VS = ±1.35V to ±10V
5
30
µV/V
vs Time
0.5
µV/mo
INPUT VOLTAGE RANGE(3)
Common-Mode Voltage Range
VIN+ – VIN– = 0V
2(V–)
2(V+) – 2V
Common-Mode Rejection
80
94
dB
INPUT IMPEDANCE(4)
Differential
80
k
Ω
Common-Mode
80
k
Ω
OUTPUT NOISE VOLTAGE(1) (5)
RTO
fO = 10Hz
97
nV/
√Hz
fO = 1kHz
87
nV/
√Hz
fB = 0.1Hz to 10Hz
2.4
µVp-p
GAIN
Initial(6)
1
V/V
Gain Error
±0.01
±0.1
%
Gain Temperature Drift Coefficient
±1
±10
ppm/
°C
Nonlinearity
(V–) + 0.3V < VO < (V+) – 0.350V
±0.002
±0.005
% of FS
FREQUENCY RESPONSE
Small Signal
800
kHz
Slew Rate
0.4
V/
µs
Settling Time, 0.1%
9V Step
23
µs
, 0.01%
9V Step
25
µs
Overload Recovery
50% Overdrive
5
µs
OUTPUT
Voltage
RL = 10kΩ to GND
(V+) – 0.35
(V+) – 0.02
V
(V–) + 0.3
(V–) + 0.15
V
Load Capacitance Stability
500
pF
Short-Circuit Curent
Continuous to Common
+7, –12
mA
POWER SUPPLY
Rated Voltage
±10
V
Voltage Range
±1.35
±10
V
2.7
20
V
Current, Quiescent
IO = 0mA
500
650
µA
TEMPERATURE RANGE
Specification
–40
+85
°C
Operating
–55
+125
°C
θ
JA, Junction to Ambient
150
°C/W
TA = +25°C, VS = ±10V, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
NOTES: (1) Referred to output in unity-gain difference configuration. Note that this circuit has a gain of 2 for the op amp’s offset voltage and noise voltage.
(2) Includes effects of amplifier’s input bias and offset currents. (3) Limit IIN through 40kΩ resistors to 1mA. (4) 40kΩ resistors are ratio matched but have ±20%
absolute value. (5) Includes effects of amplifier’s input current noise and thermal noise contribution of resistor network. (6) Connected as difference amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com