Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P8 Datasheet (PDF) - NEC

UPD6P8 Datasheet PDF - NEC
Part # UPD6P8
Download  UPD6P8 Download
File Size   814.86 Kbytes
Page   95 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION

UPD6P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6P8 Datasheet PDF - NEC

Part # UPD6P8
Download  UPD6P8 Click to download

File Size   814.86 Kbytes
Page   95 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION

UPD6P8 Datasheet (HTML) - NEC


UPD6P8 Product details

DESCRIPTION
The µPD6P8, 6P8A, 6P8B are microcontrollers for infrared remote control transmitters and are provided with a one-time PROM as the program memory.
Because users can write programs for the µPD6P8, 6P8A, 6P8B, They are ideal for program evaluation and small-scale production of application systems that use the µPD67A, 67B, 68A, 68B.

FEATURES
• Program memory (one-time PROM): 2026 × 10 bits
• Data memory (RAM): 32 × 4 bits
• On-chip carrier generator for infrared remote control: The high-level and low-level width can be set separately from 250 ns to 64 µs (@ fX = 4 MHz operation) via modulo registers
• 9-bit programmable timer: 1 channel
• Instruction execution time: 16 µs (@ fX = 4 MHz)
• Stack level: 1 level (stack RAM is for data memory RF as well)
• I/O pins (KI/O): 8 units
• Input pins (KI): 4 units
• Sense input pins (S0, S2): 2 units
• S1/LED pin (I/O): 1 unit (when in output mode, this is the remote control transmission display pin)
• Power supply voltage: VDD = 1.9 to 3.6 V
• Operating ambient temperature: TA = –40 to +85°C
• Oscillator frequency: fX = 3.5 to 4.5 MHz
• On-chip POC circuit and RAM retention detector
• On-chip oscillator (µPD6P8B)

APPLICATIONS
    Infrared remote control transmitters (for AV and household electric appliances)




Similar Part No. - UPD6P8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6P8 RENESAS-UPD6P8 Datasheet
1Mb / 101P
MOS INTEGRATED CIRCUIT
2006
UPD6P8AMC-5A4-A RENESAS-UPD6P8AMC-5A4-A Datasheet
1Mb / 101P
MOS INTEGRATED CIRCUIT
2006
UPD6P8BMC-5A4-A RENESAS-UPD6P8BMC-5A4-A Datasheet
1Mb / 101P
MOS INTEGRATED CIRCUIT
2006
UPD6P8MC-5A4-A RENESAS-UPD6P8MC-5A4-A Datasheet
1Mb / 101P
MOS INTEGRATED CIRCUIT
2006
More results


Similar Description - UPD6P8

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P4B NEC-UPD6P4B Datasheet
187Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com