Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DS080 Datasheet (PDF) - Texas Instruments

ADC12DS080 Datasheet PDF - Texas Instruments
Part # ADC12DS080
Download  ADC12DS080 Download
File Size   673.09 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs

ADC12DS080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12DS080 Datasheet PDF - Texas Instruments

Part # ADC12DS080
Download  ADC12DS080 Click to download

File Size   673.09 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs

ADC12DS080 Datasheet (HTML) - Texas Instruments


ADC12DS080 Product details

1FEATURES
2• Clock Duty Cycle Stabilizer
• Single +3.0 or 3.3V Supply Operation
• Serial LVDS Outputs
• Serial Control Interface
• Overrange Outputs
• 60-pin WQFN Package, (9x9x0.8mm, 0.5mm
pin-pitch)

KEY SPECIFICATIONS
• Resolution: 12 Bits
• Conversion Rate: 80 MSPS
• SNR (fIN = 170 MHz): 70 dBFS (typ)
• SFDR (f IN = 170 MHz): 81 dBFS (typ)
• Full Power Bandwidth: 1 GHz (typ)
• Power Consumption: 800 mW (typ)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

DESCRIPTION
The ADC12DS080 is a high-performance CMOS
analog-to-digital converter capable of converting two
analog input signals into 12-bit digital words at rates
up to 80 Mega Samples Per Second (MSPS). The
digital outputs are serialized and provided on
differential LVDS signal pairs. This converter uses a differential, pipelined architecture with digital error
correction and an on-chip sample-and-hold circuit to
minimize power consumption and the external
component count, while providing excellent dynamic
performance. The ADC12DS080 may be operated
from a single +3.0V or 3.3V power supply. A power-
down feature reduces the power consumption to very
low levels while still allowing fast wake-up time to full
operation. The differential inputs accept a 2V full
scale differential input swing. A stable 1.2V internal
voltage reference is provided, or the ADC12DS080
can be operated with an external 1.2V reference. The
selectable duty cycle stabilizer maintains
performance over a wide range of clock duty cycles.
A serial interface allows access to the internal
registers for full control of the ADC12DS080's
functionality. The ADC12DS080 is available in a 60-
lead WQFN package and operates over the industrial
temperature range of −40°C to +85°C




Similar Part No. - ADC12DS080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DS080 TI1-ADC12DS080 Datasheet
1Mb / 34P
80 MSPS A/D Converter
ADC12DS080CISQE/NOPB TI1-ADC12DS080CISQE/NOPB Datasheet
1Mb / 34P
80 MSPS A/D Converter
More results


Similar Description - ADC12DS080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
80 MSPS A/D Converter with Serial LVDS Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com