Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DS080 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12DS080 Datasheet HTML 1Page - Texas Instruments ADC12DS080 Datasheet HTML 2Page - Texas Instruments ADC12DS080 Datasheet HTML 3Page - Texas Instruments ADC12DS080 Datasheet HTML 4Page - Texas Instruments ADC12DS080 Datasheet HTML 5Page - Texas Instruments ADC12DS080 Datasheet HTML 6Page - Texas Instruments ADC12DS080 Datasheet HTML 7Page - Texas Instruments ADC12DS080 Datasheet HTML 8Page - Texas Instruments ADC12DS080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
VDR
DRGND
+
-
+
-
AGND
VA
ADC12DS080
SNAS443A – MARCH 2008 – REVISED MARCH 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
This is a two-state input controlling Power Down.
PD = VA, Power Down is enabled and power dissipation is reduced.
57
PD_A
PD = AGND, Normal operation.
20
PD_B
Note: This signal has no effect when SPI_EN is high and the SPI
interface is enabled.
Test Mode. When this signal is asserted high, a fixed test pattern
(101001100011 msb->lsb) is sourced at the data outputs.
With this signal deasserted low, the device is in normal operation
27
TEST
mode.
Note: This signal has no effect when SPI_EN is high and the SPI
interface is enabled.
Word Alignment Mode.
In single-lane mode this pin must be set to logic-0.
In dual-lane mode only, when this signal is at logic-0 the serial data
47
WAM
words are offset by half-word. With this signal at logic-1 the serial
data words are aligned with each other.
Note: This signal has no effect when SPI_EN is high and the SPI
interface is enabled.
Dual-Lane Configuration. The dual-lane mode is selected when this
signal is at logic-0. With this signal at logic-1, all data is sourced on a
48
DLC
single lane (SD1_x) for each channel.
Note: This signal has no effect when SPI_EN is high and the SPI
interface is enabled.
Serial Clock. This pair of differential LVDS signals provides the serial
clock that is synchronous with the Serial Data outputs. A bit of serial
data is provided on each of the active serial data outputs with each
45
OUTCLK+
falling and rising edge of this clock. This differential output is always
44
OUTCLK-
enabled while the device is powered up. In power-down mode this
output is held in logic-low state. A 100-ohm termination resistor must
always be used between this pair of signals at the far end of the
transmission line.
Serial Data Frame. This pair of differential LVDS signals transitions
at the serial data word boundaries. The SD1_A+/- and SD1_B+/-
output words always begin with the rising edge of the Frame signal.
The falling edge of the Frame signal defines the start of the serial
43
FRAME+
data word presented on the SD0_A+/- and SD0_B+/- signal pairs in
42
FRAME-
the Dual-Lane mode. This differential output is always enabled while
the device is powered up. In power-down mode this output is held in
logic-low state. A 100-ohm termination resistor must always be used
between this pair of signals at the far end of the transmission line.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com