Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DS080 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC12DS080 Datasheet HTML 19Page - Texas Instruments ADC12DS080 Datasheet HTML 20Page - Texas Instruments ADC12DS080 Datasheet HTML 21Page - Texas Instruments ADC12DS080 Datasheet HTML 22Page - Texas Instruments ADC12DS080 Datasheet HTML 23Page - Texas Instruments ADC12DS080 Datasheet HTML 24Page - Texas Instruments ADC12DS080 Datasheet HTML 25Page - Texas Instruments ADC12DS080 Datasheet HTML 26Page - Texas Instruments ADC12DS080 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
ADC12DS080
3x 0.1 PF
5x 0.1 PF
59
+
10 PF
+3.3V
0.1 PF
20
20
0.1 PF
1
V
IN_B
VINA-
VINA+
13
14
50
5
6
0.1 PF
20
20
0.1 PF
1
V
IN_A
VINB-
VINB+
2
3
OF/DCS
CLK
Crystal Oscillator
18
19
57
20
27
PD_A
47
29
45
To capture device (ASIC or FPGA).
Note, all signal pairs should be routed with
100 ohm differential impedance, and should
be terminated with a 100 ohm resistor near
the input of the capture device.
18 pF
18 pF
9
11
10
0.1 PF
ADT1-1WT
0.1 PF
VRPA
VRNA
VCMOA
0.1 PF
0.1 PF
1 PF
0.1 PF
0.1 PF
50
7
0.1 PF
0.1 PF
1 PF
0.1 PF
0.1 PF
ADT1-1WT
VCMOB
VRPB
VRNB
VREF
0.1 PF
PD_B
TEST
WAM
SPI_EN
56
SPI_EN
These control pins are
ignored when SPI_EN is high
LVDS_Bias
3.6k
FRAME-
SD0_B-
SD0_B+
SD1_B-
SD1_B+
SD0_A-
SD0_A+
SD1_A-
SD1_A+
FRAME+
OUTCLK-
OUTCLK+
44
43
42
38
37
36
35
34
33
32
31
52
SCLK
SDI
SDO
53
54
55
SCSb
SPI Interface
+3.0V
ADC12DS080
www.ti.com
SNAS443A – MARCH 2008 – REVISED MARCH 2013
Figure 23. Application Circuit
Serial Control Interface
The ADC12DS080 has a serial interface that allows access to the control registers. The serial interface is a
generic 4-wire synchronous interface that is compatible with SPI type interfaces that are used on many
microcontrollers and DSP controllers.
The ADC's input clock must be running for the Serial Control Interface to operate. It is enabled when the SPI_EN
(pin 56) signal is asserted high. In this case the direct control pins (OF/DCS, PD_A, PD_B, DLC, WAM, TEST)
have no effect. When this signal is deasserted, the SPI interface is disabled and the direct control pins are
enabled.
Each serial interface access cycle is exactly 16 bits long. Figure 24 shows the access protocol used by this
interface. Each signal's function is described below. The Read Timing is shown in Figure 25, while the Write
Timing is shown in Figure 26
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com