Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DS080 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC12DS080 Datasheet HTML 20Page - Texas Instruments ADC12DS080 Datasheet HTML 21Page - Texas Instruments ADC12DS080 Datasheet HTML 22Page - Texas Instruments ADC12DS080 Datasheet HTML 23Page - Texas Instruments ADC12DS080 Datasheet HTML 24Page - Texas Instruments ADC12DS080 Datasheet HTML 25Page - Texas Instruments ADC12DS080 Datasheet HTML 26Page - Texas Instruments ADC12DS080 Datasheet HTML 27Page - Texas Instruments ADC12DS080 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
SCLK
SCSb
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
R/Wb
A3
A2
A1
A0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C7
C6
C5
C4
C3
C2
C1
C0
Reserved (3-bits)
(MSB)
(LSB)
COMMAND FIELD
DATA FIELD
Address (4-bits)
Write DATA
SDI
SDO
Hi-Z
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
Data (8-bits)
Read DATA
Single Access Cycle
ADC12DS080
SNAS443A – MARCH 2008 – REVISED MARCH 2013
www.ti.com
Figure 24. Serial Interface Protocol
SCLK: Used to register the input data (SDI) on the rising edge; and to source the output data (SDO) on the
falling edge. User may disable clock and hold it in the low-state, as long as clock pulse-width min spec is not
violated when clock is enabled or disabled.
SCSb: Serial Interface Chip Select. Each assertion starts a new register access - i.e., the SDATA field protocol is
required. The user is required to deassert this signal after the 16th clock. If the SCSb is deasserted before the
16th clock, no address or data write will occur. The rising edge captures the address just shifted-in and, in the
case of a write operation, writes the addressed register. There is a minimum pulse-width requirement for the
deasserted pulse - which is specified in the Electrical Specifications section.
SDI: Serial Data. Must observe setup/hold requirements with respect to the SCLK. Each cycle is 16-bits long.
R/Wb:
A value of '1' indicates a read operation, while a value of '0' indicates a write operation.
Reserved:
Reserved for future use. Must be set to 0.
ADDR:
Up to 3 registers can be addressed.
DATA:
In a write operation the value in this field will be written to the register addressed in this cycle when SCSb is
deasserted. In a read operation this field is ignored.
24
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com