Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5413 Datasheet (PDF) - Texas Instruments

ADS5413 Datasheet PDF - Texas Instruments
Part # ADS5413
Download  ADS5413 Download
File Size   682.95 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER

ADS5413 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5413 Datasheet PDF - Texas Instruments

Part # ADS5413
Download  ADS5413 Click to download

File Size   682.95 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER

ADS5413 Datasheet (HTML) - Texas Instruments


ADS5413 Product details

FEATURES
12-Bit Resolution
65-MSPS Maximum Sample Rate
2-Vpp Differential Input Range
3.3-V Single Supply Operation
1.8-V to 3.3-V Output Supply
400-mW Total Power Dissipation
Two’s Complement Output Format
On-Chip S/H and Duty Cycle Adjust Circuit
Internal or External Reference
48-Pin TQFP Package With PowerPad
(7 mm x 7 mm body size)
64.5-dBFS SNR and 72-dBc SFDR at 65 MSPS
and 190-MHz Input
Power-Down Mode
Single-Ended or Differential Clock
1-GHz −3-dB Input Bandwidth

APPLICATIONS
High IF Sampling Receivers
Medical Imaging
Portable Instrumentation

DESCRIPTION
The ADS5413 is a low power, 12-bit, 65-MSPS, CMOS pipeline analog-to-digital converter (ADC) that operates from a
single 3.3-V supply, while offering the choice of digital output levels from 1.8 V to 3.3 V. The low noise, high linearity, and
low clock jitter makes the ADC well suited for high-input frequency sampling applications. On-chip duty cycle adjust circuit
allows the use of a non-50% duty cycle. This can be bypassed for applications requiring low jitter or asynchronous
sampling. The device can also be clocked with single ended or differential clock, without change in performance. The
internal reference can be bypassed to use an external reference to suit the accuracy and low drift requirements of the
application.
The device is specified over full temperature range (−40°C to +85°C).




Similar Part No. - ADS5413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI-ADS5413-11IPHP Datasheet
311Kb / 19P
SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI1-ADS5413-11IPHP Datasheet
345Kb / 20P
SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
ADS5413-11IPHPG4 TI1-ADS5413-11IPHPG4 Datasheet
345Kb / 20P
SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS5413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
397Kb / 20P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI-THS1060 Datasheet
353Kb / 21P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
logo
Texas Instruments
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
THS1240 TI-THS1240 Datasheet
450Kb / 20P
12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
Single 12-Bit 800-Msps Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com