Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5413 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5413 Datasheet HTML 4Page - Texas Instruments ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments ADS5413 Datasheet HTML 10Page - Texas Instruments ADS5413 Datasheet HTML 11Page - Texas Instruments ADS5413 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
8
TYPICAL CHARACTERISTICS†
57
58
58
59
59
59
60
60
60
61
61
61
61
62
62
62
62
63
63
63
63
63
64
64
64
64
64
65
65
65
65
65
65
66
66
66
66
66
66
67
67
67
67
67
68
68
68
68
69
0
10
70
90
100
80
60
50
40
30
20
20
40
120
140
160
180
200
220
fIN − Input Frequency − MHz
100
60
80
56
58
60
62
64
66
68
Figure 14. SNR− dBFS
61
61
63
63
65
65
65
67
67
67
67
69
69
69
69
69
69
69
71
71
71
71
71
71
71
71
73
73
73
73
73
73
75
75
75
75
71
71
77
77
69
73
71
67
79
77
65
75
69
71
0
10
70
90
100
80
60
50
40
30
20
20
40
120
140
160
180
200
220
fIN − Input Frequency − MHz
100
60
80
55
60
65
70
75
80
Figure 15. SFDR − dBc
† 50% duty cycle. AVDD = 3.3 V, OVDD = 3.3 V, 25°C, DCA off, internal reference, Ain = –1 dBFS, CLK 2.8-VPP sine wave single ended, unless
otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com