Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5413 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5413 Datasheet HTML 14Page - Texas Instruments ADS5413 Datasheet HTML 15Page - Texas Instruments ADS5413 Datasheet HTML 16Page - Texas Instruments ADS5413 Datasheet HTML 17Page - Texas Instruments ADS5413 Datasheet HTML 18Page - Texas Instruments ADS5413 Datasheet HTML 19Page - Texas Instruments ADS5413 Datasheet HTML 20Page - Texas Instruments ADS5413 Datasheet HTML 21Page - Texas Instruments ADS5413 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
44X (0.5)
48X (1.6)
48X (0.3)
(R0.05) TYP
(8.5)
(8.5)
PowerPAD
TQFP - 1.2 mm max height
PHP0048C
PLASTIC QUAD FLATPACK
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:8X
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
BASED ON
0.125 THICK STENCIL
SYMM
SYMM
48
37
13
24
25
36
1
12
METAL COVERED
BY SOLDER MASK
49
3.89 X 3.89
0.175
4.2 X 4.2
0.150
4.6 X 4.6 (SHOWN)
0.125
5.14 X 5.14
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
4226381/A 11/2020
(4.6)
(4.6)
BASED ON
0.125 THICK
STENCIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com