Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1271IPWG4 Datasheet (PDF) - Texas Instruments

ADS1271IPWG4 Datasheet PDF - Texas Instruments
Part # ADS1271IPWG4
Download  ADS1271IPWG4 Download
File Size   637.87 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, Wide Bandwidth Analog-to-Digital Converter

ADS1271IPWG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1271IPWG4 Datasheet PDF - Texas Instruments

Part # ADS1271IPWG4
Download  ADS1271IPWG4 Click to download

File Size   637.87 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, Wide Bandwidth Analog-to-Digital Converter

ADS1271IPWG4 Datasheet (HTML) - Texas Instruments


ADS1271IPWG4 Product details

FEATURES
105kSPS Data Rate
AC Performance:
51kHz Bandwidth
109dB SNR (High-Resolution Mode)
−108dB THD
DC Accuracy:
1.8μV/°C Offset Drift
2ppm/°C Gain Drift
Selectable Operating Modes:
High-Speed: 105kSPS Data Rate
High-Resolution: 109dB SNR
Low-Power: 35mW Dissipation
Power-Down Control
Digital Filter:
Linear Phase Response
Passband Ripple: ±0.005dB
Stop Band Attenuation: 100dB
Internal Offset Calibration On Command
Selectable SPI or Frame Sync Serial Interface
Designed for Multichannel Systems:
Daisy-Chainable Serial Interface
Easy Synchronization
Simple Pin-Driven Control
Modulator Output Option
Specified from −40°C to +105°C
Analog Supply: 5V
Digital Supply: 1.8V to 3.3V

APPLICATIONS
Vibration/Modal Analysis
Acoustics
Dynamic Strain Gauges
Pressure Sensors
Test and Measurement

DESCRIPTION
The ADS1271 is a 24-bit, delta-sigma analog-to-digital
converter (ADC) with a data rate up to 105kSPS. It offers
a unique combination of excellent DC accuracy and
outstanding AC performance. The high-order,
chopper-stabilized modulator achieves very low drift with
low in-band noise. The onboard decimation filter
suppresses modulator and signal out-of-band noise. The
ADS1271 provides a usable signal bandwidth up to 90%
of the Nyquist rate with less than 0.005dB of ripple.
Traditionally, industrial delta-sigma ADCs offering good
drift performance use digital filters with large passband
droop. As a result, they have limited signal bandwidth and
are mostly suited for DC measurements. High-resolution
ADCs in audio applications offer larger usable bandwidths,
but the offset and drift specification are significantly
weaker than their industrial counterparts. The ADS1271
combines these converters, allowing high-precision
industrial measurement with excellent DC and AC
specifications ensured over an extended industrial
temperature range.
Three operating modes allow for optimization of speed,
resolution, and power. A selectable SPI or a frame-sync
serial interface provides for convenient interfacing to
microcontrollers or DSPs. The output from the modulator
is accessible for external digital filter applications. All
operations, including internal offset calibration, are
controlled directly by pins; there are no registers to
program.




Similar Part No. - ADS1271IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1271IPWG4 TI1-ADS1271IPWG4 Datasheet
793Kb / 38P
24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
More results


Similar Description - ADS1271IPWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
24-bit, Wide Bandwidth Analog-to-Digital Converter
ADS127L01 TI1-ADS127L01 Datasheet
3Mb / 86P
24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com