Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7843 Datasheet (PDF) - Texas Instruments

ADS7843 Datasheet PDF - Texas Instruments
Part # ADS7843
Download  ADS7843 Download
File Size   647.43 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TOUCH SCREEN CONTROLLER

ADS7843 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7843 Datasheet PDF - Texas Instruments

Part # ADS7843
Download  ADS7843 Click to download

File Size   647.43 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TOUCH SCREEN CONTROLLER

ADS7843 Datasheet (HTML) - Texas Instruments


ADS7843 Product details

FEATURES
4-WIRE TOUCH SCREEN INTERFACE
RATIOMETRIC CONVERSION
SINGLE SUPPLY: 2.7V to 5V
UP TO 125kHz CONVERSION RATE
SERIAL INTERFACE
PROGRAMMABLE 8- OR 12-BIT RESOLUTION
2 AUXILIARY ANALOG INPUTS
FULL POWER-DOWN CONTROL

APPLICATIONS
PERSONAL DIGITAL ASSISTANTS
PORTABLE INSTRUMENTS
POINT-OF-SALES TERMINALS
PAGERS
TOUCH SCREEN MONITORS

DESCRIPTION
The ADS7843 is a 12-bit sampling Analog-to-Digital Converter
(ADC) with a synchronous serial interface and low onresistance
switches for driving touch screens. Typical power
dissipation is 750μW at a 125kHz throughput rate and a
+2.7V supply. The reference voltage (VREF) can be varied
between 1V and +VCC, providing a corresponding input
voltage range of 0V to VREF. The device includes a shutdown
mode which reduces typical power dissipation to under
0.5μW. The ADS7843 is specified down to 2.7V operation.
Low power, high speed, and onboard switches make the
ADS7843 ideal for battery-operated systems such as personal
digital assistants with resistive touch screens and other
portable equipment. The ADS7843 is available in an
SSOP-16 package and is specified over the –40°C to +85°C
temperature range.




Similar Part No. - ADS7843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7843-Q1 TI1-ADS7843-Q1 Datasheet
1Mb / 21P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843E BURR-BROWN-ADS7843E Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843E TI1-ADS7843E Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
More results


Similar Description - ADS7843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com