Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB660N Datasheet (PDF) - TT Electronics.

OPB660N Datasheet PDF - TT Electronics.
Part # OPB660N
Download  OPB660N Download
File Size   519.54 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB660N Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB660N Datasheet PDF - TT Electronics.

Part # OPB660N
Download  OPB660N Click to download

File Size   519.54 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB660N Datasheet (HTML) - TT Electronics.


OPB660N Product details

Features:
• Non-contact switching
• Printed circuit board mounting
• Enhanced signal to noise ratio
• Gap 0.125” (3.18 mm) wide and 0.345” (8.76 mm) deep slot
• Emitter Aperture 0.05” X 0.06” (1.27 mm X 1.52 mm)
• Sensor Aperture 0.01” X 0.06” (0.25 mm X 1.52 mm)
Description:
The OPB660N slotted optical switch consists of an infrared emitting diode and a NPN silicon phototransistor, combined with
an enhanced low current roll-off that improves contrast ratio and provides immunity to background irradiance. Housings are
made from an opaque grade of injection-molded plastic to minimize sensitivity to both visible and near-infrared light.
Applications:
• Non-contact transmissive object sensor
• Assembly line automation
• Machine automation
• Machine safety
• End of travel sensor
• Door sensor




Similar Part No. - OPB660N

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB660N OPTEK-OPB660N Datasheet
703Kb / 4P
SLOTTED OPTICAL SWITCH
May-2004
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
More results


Similar Description - OPB660N

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com