Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FORCE-SENSORS Datasheet (PDF) - Sensata Technologies, Inc.

FORCE-SENSORS Datasheet PDF - Sensata Technologies, Inc.
Part # FORCE-SENSORS
Download  FORCE-SENSORS Download
File Size   363.09 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description FORCE SENSORS

FORCE-SENSORS Datasheet (PDF)

Go To PDF Page Download Datasheet
FORCE-SENSORS Datasheet PDF - Sensata Technologies, Inc.

Part # FORCE-SENSORS
Download  FORCE-SENSORS Click to download

File Size   363.09 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description FORCE SENSORS

FORCE-SENSORS Datasheet (HTML) - Sensata Technologies, Inc.


FORCE-SENSORS Product details

Features and Benefits
Applications
• Unique, ultra lightweight and compact designs
• Ideal for cockpit control applications
• Manufactured with high reliability LVDT sensors
• Extremely low zero-shift over the operating temperature range
• Low TC over temperature range of -80°F to +400°F
• Superior long-term stability over transducer life span
• Built-in bi-directional mechanical stop
• Wide operating load range of ±10 lbs. to ±2,000 lbs. (tension and
compression
• Qualified per RTCA/DO-160 and MIL-STD-810
• Balanced output in tension and compression
• Dual load paths
• High reliability (MTBF of 1,000,000 hrs. typical)
• Pilot input load for flight data recorder
• Pilot input load for flight control electronics
• Aircraft linkage for limiting flight loads




Similar Part No. - FORCE-SENSORS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
FOR-G7L OMRON-FOR-G7L Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
logo
National Semiconductor ...
FOR361B NSC-FOR361B Datasheet
371Kb / 4P
Fiber-Optic Receiver
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
Fiber-Optic Receiver
FOR361B-2 NSC-FOR361B-2 Datasheet
371Kb / 4P
Fiber-Optic Receiver
More results


Similar Description - FORCE-SENSORS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSL05N2C ETC1-FSL05N2C Datasheet
160Kb / 4P
Force Sensors Series FS Non-compensated Force Range 0 to 500 g
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
FS03 HONEYWELL-FS03 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR ALPS-HSFPAR Datasheet
250Kb / 1P
Force Sensor
logo
CITIZEN ELECTRONICS CO....
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
Force Sensor
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com