Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8LC Datasheet (PDF) - Multicomp Pro

8LC Datasheet PDF - Multicomp Pro
Part # 8LC
Download  8LC Download
File Size   303.18 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description D-Sub Connector 8LC Series, Plugs and Sockets

8LC Datasheet (PDF)

Go To PDF Page Download Datasheet
8LC Datasheet PDF - Multicomp Pro

Part # 8LC
Download  8LC Click to download

File Size   303.18 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description D-Sub Connector 8LC Series, Plugs and Sockets

8LC Datasheet (HTML) - Multicomp Pro


8LC Product details

Specifications
Current Rating : 5A
Min. Insulation Resistance : 5,000MΩ at 500V DC
Min. Dielectric Withstanding Voltage : 1,000V AC (for 1 minute)
Maximum Contact Resistance : 15mΩ
Operating Temperature : -55°C to 105°C
Insulator Material : P.B.T and glass-fiber reinforced UL 94V-0
Contact Material : Brass, gold over nickel
Shell : Steel, tin or zinc plated




Similar Part No. - 8LC

ManufacturerPart #DatasheetDescription
logo
KELLER Druckmesstechnik...
8LC KELLER-8LC Datasheet
498Kb / 2P
Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
More results


Similar Description - 8LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
logo
Adam Technologies, Inc.
HFCS50SG ADAM-TECH-HFCS50SG Datasheet
122Kb / 1P
.050 IDC CONNECTORS DUAL ROW SOCKETS & TRANSITION PLUGS
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
Elektron Components Ltd...
PX0429 BULGIN-PX0429 Datasheet
65Kb / 1P
Plugs and Sockets (2 Pole Earth)
SA2403 BULGIN-SA2403 Datasheet
57Kb / 1P
Plugs and Sockets (3 & 4 pole)
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
logo
Littelfuse
00681400 LITTELFUSE-00681400 Datasheet
149Kb / 1P
2-Pole Aluminum/Plastic Sockets and Plugs ??ISO 4165
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com