Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8LC Datasheet(PDF) 1 Page - Multicomp Pro

Part # 8LC
Description  D-Sub Connector 8LC Series, Plugs and Sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

8LC Datasheet(HTML) 1 Page - Multicomp Pro

  8LC Datasheet HTML 1Page - Multicomp Pro 8LC Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
18/06/20
D-Sub Connector
8LC Series, Plugs and Sockets
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres (Inches)
Specifications
Current Rating
: 5A
Min. Insulation Resistance
: 5,000MΩ at 500V DC
Min. Dielectric Withstanding Voltage
: 1,000V AC (for 1 minute)
Maximum Contact Resistance
: 15mΩ
Operating Temperature
: -55°C to 105°C
Insulator Material
: P.B.T and glass-fiber reinforced UL 94V-0
Contact Material
: Brass, gold over nickel
Shell
: Steel, tin or zinc plated
Diagram
Recommended P.C.B Layout
Dimension Table
Part Number
A ±0.13 (0.005) B ±0.25 (0.01) C ±0.13 (0.005) D ±0.13 (0.005) E ±0.38 (0.015) F ±0.05 (0.002)
8LC/D 9P
24.99 (0.984)
16.92 (0.666)
10.96 (0.431)
8.22 (0.324)
30.89 (1.216)
2.74 (0.108)
8LC/D 15P
33.32 (1.312)
25.25 (0.994)
19.18 (0.755)
16.44 (0.647)
39.1 (1.539)
2.74 (0.108)
8LC/D 25P
47.04 (1.852)
38.96 (1.534)
33.24 (1.309)
30.47 (1.2)
53.09 (2.09)
2.77 (0.109)
8LC/D 37P
63.5 (2.5)
55.42 (2.182)
49.86 (1.963)
47.09 (1.854)
69.4 (2.732)
2.77 (0.109)


Similar Part No. - 8LC

ManufacturerPart #DatasheetDescription
logo
KELLER Druckmesstechnik...
8LC KELLER-8LC Datasheet
498Kb / 2P
Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Multicomp Pro
8LCM009P-301B-XX MULTICOMP-8LCM009P-301B-XX Datasheet
316Kb / 2P
D-Sub Connector 8LC Series, Plugs and Sockets
25/03/21
8LCM009S-304B-XX MULTICOMP-8LCM009S-304B-XX Datasheet
316Kb / 2P
D-Sub Connector 8LC Series, Plugs and Sockets
25/03/21
8LCM015P-301B-XX MULTICOMP-8LCM015P-301B-XX Datasheet
316Kb / 2P
D-Sub Connector 8LC Series, Plugs and Sockets
25/03/21
8LCM015S-304B-XX MULTICOMP-8LCM015S-304B-XX Datasheet
316Kb / 2P
D-Sub Connector 8LC Series, Plugs and Sockets
25/03/21
More results

Similar Description - 8LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
logo
Adam Technologies, Inc.
HFCS50SG ADAM-TECH-HFCS50SG Datasheet
122Kb / 1P
.050 IDC CONNECTORS DUAL ROW SOCKETS & TRANSITION PLUGS
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
Elektron Components Ltd...
PX0429 BULGIN-PX0429 Datasheet
65Kb / 1P
Plugs and Sockets (2 Pole Earth)
SA2403 BULGIN-SA2403 Datasheet
57Kb / 1P
Plugs and Sockets (3 & 4 pole)
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
logo
Littelfuse
00681400 LITTELFUSE-00681400 Datasheet
149Kb / 1P
2-Pole Aluminum/Plastic Sockets and Plugs ??ISO 4165
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com