Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC-080 Datasheet (PDF) - Coherent Corp

DC-080 Datasheet PDF - Coherent Corp
Part # DC-080
Download  DC-080 Download
File Size   1481.23 Kbytes
Page   15 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description High-Power CO2 Slab Laser

DC-080 Datasheet (PDF)

Go To PDF Page Download Datasheet
DC-080 Datasheet PDF - Coherent Corp

Part # DC-080
Download  DC-080 Click to download

File Size   1481.23 Kbytes
Page   15 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description High-Power CO2 Slab Laser

DC-080 Datasheet (HTML) - Coherent Corp


DC-080 Product details

FEATURES
• Output power: 1000 to 8000 Watts
• Wavelength 10.6 μm
• Gaussian beam profile with M² <1.05
• Excellent laser power and beam point stability
• Minimal gas consumption due to diffusion cooling
• Low service requirements
• Compact version available: laser head and control cabinet
combined in one unit

MARKETS AND APPLICATIONS
• Automotive:
- Cutting of airbags, plastics, and interior
- Scoring of dashboards
• Packaging:
- Cutting of die boards
- Direct laser cutting of corrugated boards
• Semicon:
- Wafer annealing
• Precision manufacturing:
- Surface treatments of glass and solar cells
- Welding
- Cutting of metal, wood, plastics, CFRP




Similar Part No. - DC-080

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DC-005-2.1 AGELECTRONICA-DC-005-2.1 Datasheet
253Kb / 1P
Plug DC 2.1 x 5.5 x 14mm
14/FEB/08
DC-005-2.1R AGELECTRONICA-DC-005-2.1R Datasheet
359Kb / 2P
CONECTOR JACK PARA PLUG-2.1mm
10/01/2020
DC-025M AGELECTRONICA-DC-025M Datasheet
234Kb / 1P
JACK DE 5.5mm CON PIN DE 2.1mm
13/01/2020
logo
Kingbright Corporation
DC-05GWA KINGBRIGHT-DC-05GWA Datasheet
594Kb / 6P
BAR GRAPH 5 SEGMENT
REV NO: V.7A
More results


Similar Description - DC-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Hamamatsu Corporation
T11722-01 HAMAMATSU-T11722-01_15 Datasheet
167Kb / 4P
For CO2 concentration measurement High sensitivity
logo
Zhengzhou Winsen Electr...
MG-812 WINSEN-MG-812 Datasheet
534Kb / 6P
Low Power-Consumption CO2 Sensor
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
Greystone Energy System...
TSSL GREYSTONE-TSSL Datasheet
205Kb / 2P
SLAB TEMPERATURE SENSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com