Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC60304YBHT.A Datasheet (PDF) - Texas Instruments

AMC60304YBHT.A Datasheet PDF - Texas Instruments
Part # AMC60304YBHT.A
Download  AMC60304YBHT.A Download
File Size   621.08 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC

AMC60304YBHT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC60304YBHT.A Datasheet PDF - Texas Instruments

Part # AMC60304YBHT.A
Download  AMC60304YBHT.A Click to download

File Size   621.08 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC

AMC60304YBHT.A Datasheet (HTML) - Texas Instruments


AMC60304YBHT.A Product details

1 Features
• Four 12-bit current output DACs (IDACs)
– 200-mA full-scale output range
• Multichannel, 12-bit, 1-MSPS SAR ADC
– Four external inputs: 2.5-V and 5-V input
ranges
– Four IDAC voltage monitor channels
– Programmable sequencer
– Programmable out-of-range alarms
• Internal 2.5-V reference
• Suppy and temperature fault alarms
• SPI and I2C interfaces: 1.7-V to 3.6-V operation
– SPI: 4-wire interface
– I2C: Four target addresses
• Specified temperature range: –40°C to +125°C

2 Applications
• Optical module
• Intra-dc interconnect (metro)

3 Description
The AMC60304 is a highly integrated, low-power
analog monitor and controller optimized for highcurrent
outputs. The device includes four 12-bit
current output digital-to-analog converters (IDACs),
a 12-bit, 1-MSPS analog-to-digital converter (ADC),
supply and temperature alarm monitors, and a highprecision
internal reference.
The AMC60304 IDACs support a full-scale output
range of 200 mA with very-low power dissipation.
These IDACs eliminate the need for external
components to provide an accurate current bias.
The AMC60304 also includes four input pins that
are multiplexed to the ADC and incorporate a lowlatency
window comparator. These features make this
device an excellent choice for received signal strength
indicator (RSSI) and loss-of-signal (LOS) detection.
The ADC is also capable of measuring the voltage
at the IDAC pins, thus enabling these outputs to be
monitored.
The AMC60304 low power, high integration, very
small size, and wide operating temperature range
make this device an excellent choice as an all-in-one
control circuit for optical modules.




Similar Part No. - AMC60304YBHT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC60304YBHT TI-AMC60304YBHT Datasheet
1Mb / 10P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
More results


Similar Description - AMC60304YBHT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC60804 TI-AMC60804 Datasheet
952Kb / 7P
AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304 Datasheet
437Kb / 3P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304_V01 Datasheet
1Mb / 10P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC60704 TI-AMC60704 Datasheet
491Kb / 6P
AMC60704 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
DECEMBER 2022
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
AMC60804T TI-AMC60804T Datasheet
520Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com