Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC280E Datasheet (PDF) - Texas Instruments

CD74AC280E Datasheet PDF - Texas Instruments
Part # CD74AC280E
Download  CD74AC280E Download
File Size   595.08 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-Bit Odd/Even Parity Generator/Checker

CD74AC280E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC280E Datasheet PDF - Texas Instruments

Part # CD74AC280E
Download  CD74AC280E Click to download

File Size   595.08 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-Bit Odd/Even Parity Generator/Checker

CD74AC280E Datasheet (HTML) - Texas Instruments


CD74AC280E Product details

Features
• Buffered Inputs
• Typical Propagation Delay
- 10ns at VCC = 5V, TA = 25oC, CL = 50pF
• Exceeds 2kV ESD Protection per MIL-STD-883,
Method 3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
• ±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50W Transmission Lines

Description
The ’AC280 and ’ACT280 are 9-bit odd/even parity generator/
checkers that utilize Advanced CMOS Logic technology.
Both even and odd parity outputs are available for checking
or generating parity for words up to nine bits long. Even parity
is indicated (åE output is HIGH) when an even number of
data inputs is HIGH. Odd parity is indicated (åO output is
HIGH) when an odd number of data inputs is HIGH. Parity
checking for words larger than nine bits can be accomplished
by tying the åE output to any input of an additional
’AC280, ’ACT280 parity checker.




Similar Part No. - CD74AC280E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC280E TI-CD74AC280E Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
CD74AC280E TI-CD74AC280E Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
CD74AC280E TI-CD74AC280E Datasheet
404Kb / 12P
9-Bit Odd/Even Parity Generator/Checker
CD74AC280EE4 TI-CD74AC280EE4 Datasheet
404Kb / 12P
9-Bit Odd/Even Parity Generator/Checker
More results


Similar Description - CD74AC280E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
9-bit odd/even parity generator/checker
1996 Mar 12
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
9-bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
CD54AC280 TI-CD54AC280_07 Datasheet
404Kb / 12P
9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
9-bit Odd / Even Parity Generator / Checker
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
9-bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com