Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC195E Datasheet (PDF) - Texas Instruments

CD74HC195E Datasheet PDF - Texas Instruments
Part # CD74HC195E
Download  CD74HC195E Download
File Size   665.93 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4-Bit Parallel Access Register

CD74HC195E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC195E Datasheet PDF - Texas Instruments

Part # CD74HC195E
Download  CD74HC195E Click to download

File Size   665.93 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4-Bit Parallel Access Register

CD74HC195E Datasheet (HTML) - Texas Instruments


CD74HC195E Product details

Features
• Asynchronous Master Reset
• J, K, (D) Inputs to First Stage
• Fully Synchronous Serial or Parallel Data Transfer
• Shift Right and Parallel Load Capability
• Complementary Output From Last Stage
• Buffered Inputs
• Typical fMAX = 50MHz at VCC = 5V,
CL = 15pF, TA = 25oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V

Description
The device is useful in a wide variety of shifting, counting
and storage applications. It performs serial, parallel, serial to
parallel, or parallel to serial data transfers at very high
speeds.
The two modes of operation, shift right (Q0-Q1) and parallel
load, are controlled by the state of the Parallel Enable (PE)
input. Serial data enters the first flip-flop (Q0) via the J and K
inputs when the PE input is high, and is shifted one bit in the
direction Q0-Q1-Q2-Q3 following each Low to High clock
transition. The J and K inputs provide the flexibility of the JKtype
input for special applications and by tying the two pins
together, the simple D-type input for general applications.
The device appears as four common-clocked D flip-flops
when the PE input is Low. After the Low to High clock
transition, data on the parallel inputs (D0-D3) is transferred
to the respective Q0-Q3 outputs. Shift left operation (Q3-Q2)
can be achieved by tying the Qn outputs to the Dn-1 inputs
and holding the PE input low.
All parallel and serial data transfers are synchronous, occurring
after each Low to High clock transition. The ’HC195 series
utilizes edge triggering; therefore, there is no restriction on the
activity of the J, K, Pn and PE inputs for logic operations, other
than set-up and hold time requirements. A Low on the
asynchronous Master Reset (MR) input sets all Q outputs Low,
independent of any other input condition.




Similar Part No. - CD74HC195E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC195E TI-CD74HC195E Datasheet
42Kb / 6P
High Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195E TI-CD74HC195E Datasheet
335Kb / 11P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195E TI-CD74HC195E Datasheet
341Kb / 13P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195E TI-CD74HC195E Datasheet
632Kb / 16P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195EE4 TI-CD74HC195EE4 Datasheet
341Kb / 13P
High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Similar Description - CD74HC195E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
4-bit parallel-access shift register
1996 Mar 12
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
4-bit parallel access shift register
December 1990
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-Bit Parallel Access Register
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
4-bit Parallel-Access Shift Register
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
4-bit Parallel Access Shift Register
logo
Texas Instruments
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Texas Instruments
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
4-bit Parallel-Access Shift Register
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com