Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC597 Datasheet (PDF) - Texas Instruments

CD54HC597 Datasheet PDF - Texas Instruments
Part # CD54HC597
Download  CD54HC597 Download
File Size   612.95 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 8-Bit Shift Register with Input Storage

CD54HC597 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC597 Datasheet PDF - Texas Instruments

Part # CD54HC597
Download  CD54HC597 Click to download

File Size   612.95 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 8-Bit Shift Register with Input Storage

CD54HC597 Datasheet (HTML) - Texas Instruments


CD54HC597 Product details

Features
• Buffered Inputs
• Asynchronous Parallel Load
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC597 and CD74HCT597 are high-speed silicon gate
CMOS devices that are pin-compatible with the LSTTL 597
devices. Each device consists of an 8-flip-flop input register
and an 8-bit parallel-in/serial-in, serial-out shift register. Each
register is controlled by its own clock. A “low” on the parallel
load input (PL) shifts parallel stored data asynchronously into
the shift register. A “low” master input (MR) clears the shift
register. Serial input data can also be synchronously shifted
through the shift register when PL is high.




Similar Part No. - CD54HC597

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC597 TI-CD54HC597 Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597 Datasheet
518Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI1-CD54HC597 Datasheet
689Kb / 20P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597F3A TI-CD54HC597F3A Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597F3A TI-CD54HC597F3A Datasheet
488Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
More results


Similar Description - CD54HC597

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC595 MOTOROLA-MC74VHC595 Datasheet
206Kb / 9P
8-Bit Shift Register with Output Storage Register
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
8-bit shift register with input storage registers
1991 Sep 13
logo
Texas Instruments
CD74HC597 TI-CD74HC597 Datasheet
48Kb / 10P
High Speed CMOS Logic 8-Bit Shift Register with Input Storage
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD54HC597 TI-CD54HC597 Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597_07 Datasheet
488Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC597 TI-CD54HC597_08 Datasheet
518Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI1-CD54HC597_14 Datasheet
689Kb / 20P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595_15 Datasheet
117Kb / 11P
8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com