Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC597 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC597
Description  High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC597 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC597 Datasheet HTML 1Page - Texas Instruments CD54HC597 Datasheet HTML 2Page - Texas Instruments CD54HC597 Datasheet HTML 3Page - Texas Instruments CD54HC597 Datasheet HTML 4Page - Texas Instruments CD54HC597 Datasheet HTML 5Page - Texas Instruments CD54HC597 Datasheet HTML 6Page - Texas Instruments CD54HC597 Datasheet HTML 7Page - Texas Instruments CD54HC597 Datasheet HTML 8Page - Texas Instruments CD54HC597 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS191C
Features
• Buffered Inputs
• Asynchronous Parallel Load
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC597 and CD74HCT597 are high-speed silicon gate
CMOS devices that are pin-compatible with the LSTTL 597
devices. Each device consists of an 8-flip-flop input register
and an 8-bit parallel-in/serial-in, serial-out shift register. Each
register is controlled by its own clock. A “low” on the parallel
load input (PL) shifts parallel stored data asynchronously into
the shift register. A “low” master input (MR) clears the shift
register. Serial input data can also be synchronously shifted
through the shift register when PL is high.
Pinout
CD54HC597
(CERDIP)
CD74HC597
(PDIP, SOIC, SOP)
CD74HCT597
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC597F3A
-55 to 125
16 Ld CERDIP
CD74HC597E
-55 to 125
16 Ld PDIP
CD74HC597M
-55 to 125
16 Ld SOIC
CD74HC597MT
-55 to 125
16 Ld SOIC
CD74HC597M96
-55 to 125
16 Ld SOIC
CD74HC597NSR
-55 to 125
16 Ld SOP
CD74HCT597E
-55 to 125
16 Ld PDIP
CD74HCT597M
-55 to 125
16 Ld SOIC
CD74HCT597MT
-55 to 125
16 Ld SOIC
CD74HCT597M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D1
D2
D3
D4
D5
D6
GND
D7
VCC
DS
PL
STCP
SHCP
MR
Q7
D0
January 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC597, CD74HC597,
CD74HCT597
High-Speed CMOS Logic
8-Bit Shift Register with Input Storage
[ /Title
(CD74
HC597
,
CD74
HCT59
7)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD54HC597

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC597 TI-CD54HC597 Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597 Datasheet
518Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI1-CD54HC597 Datasheet
689Kb / 20P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597F3A TI-CD54HC597F3A Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597F3A TI-CD54HC597F3A Datasheet
488Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
More results

Similar Description - CD54HC597

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC595 MOTOROLA-MC74VHC595 Datasheet
206Kb / 9P
8-Bit Shift Register with Output Storage Register
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
8-bit shift register with input storage registers
1991 Sep 13
logo
Texas Instruments
CD74HC597 TI-CD74HC597 Datasheet
48Kb / 10P
High Speed CMOS Logic 8-Bit Shift Register with Input Storage
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD54HC597 TI-CD54HC597 Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597_07 Datasheet
488Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC597 TI-CD54HC597_08 Datasheet
518Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI1-CD54HC597_14 Datasheet
689Kb / 20P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595_15 Datasheet
117Kb / 11P
8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com