Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCF1206 Datasheet (PDF) - TT Electronics.

GPCF1206 Datasheet PDF - TT Electronics.
Part # GPCF1206
Download  GPCF1206 Download
File Size   268.44 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description General Purpose Precision Surface Mount Resistors

GPCF1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
GPCF1206 Datasheet PDF - TT Electronics.

Part # GPCF1206
Download  GPCF1206 Click to download

File Size   268.44 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description General Purpose Precision Surface Mount Resistors

GPCF1206 Datasheet (HTML) - TT Electronics.


GPCF1206 Product details

Precision metal film technology
Ohmic range 10R – 100K
Precision to ±0.1% and 25ppm/°C
Load life stability and humidity to 0.5%




Similar Part No. - GPCF1206

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
Sound Controller with 24KB ROM
GPC10024D-NnnV-C GENERALPLUS-GPC10024D-NnnV-C Datasheet
399Kb / 15P
Sound Controller with 24KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
Sound Controller with 48KB ROM
GPC10048A-NnnV-C GENERALPLUS-GPC10048A-NnnV-C Datasheet
398Kb / 15P
Sound Controller with 48KB ROM
GPC10064A GENERALPLUS-GPC10064A Datasheet
396Kb / 15P
Sound Controller with 64K-byte ROM
More results


Similar Description - GPCF1206

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC01 VISHAY-WSC01 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
PCF WELWYN-PCF Datasheet
1Mb / 4P
PRECISION SURFACE MOUNT RESISTORS
WCR WELWYN-WCR_13 Datasheet
643Kb / 3P
General Purpose Surface Mounted Resistors
logo
Vishay Siliconix
WSC2515R3300FEA VISHAY-WSC2515R3300FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC251550R00FEA VISHAY-WSC251550R00FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
logo
List of Unclassifed Man...
WCR0805-39KFI ETC2-WCR0805-39KFI Datasheet
424Kb / 3P
GENERAL PURPOSE SURFACE MOUNTED RESISTORS
WCR1206 ETC2-WCR1206 Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
SM2 ETC-SM2 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
WCR1206-3K9FI ETC2-WCR1206-3K9FI Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com